Electronic Components Datasheet Search
  English  ▼

X  

2SC4196 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC4196
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4196 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC4196 Datasheet HTML 1Page - Renesas Technology Corp 2SC4196 Datasheet HTML 2Page - Renesas Technology Corp 2SC4196 Datasheet HTML 3Page - Renesas Technology Corp 2SC4196 Datasheet HTML 4Page - Renesas Technology Corp 2SC4196 Datasheet HTML 5Page - Renesas Technology Corp 2SC4196 Datasheet HTML 6Page - Renesas Technology Corp 2SC4196 Datasheet HTML 7Page - Renesas Technology Corp 2SC4196 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SC4196
Rev.3.00 Aug 10, 2005 page 7 of 7
Package Dimensions
D
e
A
AA
b
xS
A
M
EHE
A
A2
A1
S
b
A-A Section
b1
c1
c
Qc
L
L1
LP
A3
Pattern of terminal position areas
I1
b2
e
e1
A
A1
A2
A3
b
b1
c
c1
D
E
e
HE
L
L1
LP
x
b2
e1
I1
Q
1.0
0
1.0
0.35
0.1
2.7
1.35
2.2
0.35
0.15
0.25
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
1.1
0.25
0.42
0.4
0.13
0.11
1.5
0.95
2.8
1.95
0.3
1.3
0.1
1.2
0.5
0.15
3.1
1.65
3.0
0.75
0.55
0.65
0.05
0.55
1.05
SC-59A
0.011g
MASS[Typ.]
MPAK(T) / MPAK(T)V,
MPAK / MPAKV
PLSP0003ZB-A
RENESAS Code
JEITA Package Code
Package Name
Ordering Information
Part Name
Quantity
Shipping Container
2SC4196QI-TR-E
3000
φ 178 mm Reel, 8 mm Emboss Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com