Electronic Components Datasheet Search
  English  ▼

X  

2SC4196 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC4196
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4196 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC4196 Datasheet HTML 1Page - Renesas Technology Corp 2SC4196 Datasheet HTML 2Page - Renesas Technology Corp 2SC4196 Datasheet HTML 3Page - Renesas Technology Corp 2SC4196 Datasheet HTML 4Page - Renesas Technology Corp 2SC4196 Datasheet HTML 5Page - Renesas Technology Corp 2SC4196 Datasheet HTML 6Page - Renesas Technology Corp 2SC4196 Datasheet HTML 7Page - Renesas Technology Corp 2SC4196 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC4196
Rev.3.00 Aug 10, 2005 page 2 of 7
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown voltage
V(BR)CBO
25
—
—
V
IC = 10
µA, IE = 0
Collector cutoff current
ICBO
—
—
0.3
µA
VCB = 15 V, IE = 0
ICEO
—
—
10
µA
VCE = 15 V, RBE =
∞
Emitter cutoff current
IEBO
—
—
1.0
µA
VEB = 3 V, IC = 0
Collector to emitter saturation voltage
VCE(sat)
—
—
0.3
V
IC = 20 mA, IB = 4 mA
DC current transfer ratio
hFE
50
—
180
VCE = 5 V, IC = 5 mA
Collector output capacitance
Cob
—
0.7
1.0
pF
VCB = 10 V, IE = 0, f = 1MHz
Gain bandwidth product
fT
1.8
2.4
—
GHz
VCE = 5 V, IC = 20 mA
Oscillating output voltage
VOSC
—
200
—
mV
VCC = 5 V, IC = 5 mA,
f = 930 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com