Electronic Components Datasheet Search
  English  ▼

X  

32C85 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 32C85
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C85 Datasheet(HTML) 4 Page - Renesas Technology Corp

  32C85 Datasheet HTML 1Page - Renesas Technology Corp 32C85 Datasheet HTML 2Page - Renesas Technology Corp 32C85 Datasheet HTML 3Page - Renesas Technology Corp 32C85 Datasheet HTML 4Page - Renesas Technology Corp 32C85 Datasheet HTML 5Page - Renesas Technology Corp 32C85 Datasheet HTML 6Page - Renesas Technology Corp 32C85 Datasheet HTML 7Page - Renesas Technology Corp 32C85 Datasheet HTML 8Page - Renesas Technology Corp 32C85 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
Page 4
1. Overview
7
8
f
o
5
0
0
2
,
1
0
.
l
u
J
1
2
.
1
.
v
e
R
)
T
5
8
/
C
2
3
M
,
5
8
/
C
2
3
M
(
p
u
o
r
G
5
8
/
C
2
3
M
1.3 Block Diagram
Figure 1.1 shows a block diagram of the M32C/85 group (M32C/85, M32C/85T) microcomputer.
Figure 1.1 M32C/85 Group (M32C/85, M32C/85T) Block Diagram
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
Port P14
Port P15
Port P11
Port P12
Port P13
R0H
R0L
R1H
R1L
R2
R3
A0
A1
FB
SB
NOTES:
1. Ports P11 to P15 are provided in the 144-pin package only.
2. Included in the 144-pin package only.
3. The supply voltage of M32C/85T must be VCC1=VCC2.
FLG
INTB
ISP
USP
PC
SVF
SVP
VCT
Multiplier
M32C/80 series CPU Core
Clock Generation Circuit
XIN - XOUT
XCIN - XCOUT
On-chip Oscillator
PLL Frequency Synthesizer
A/D Converter:
1 circuit
Standard: 10 inputs
Maximum: 34 inputs
(2)
UART/Clock Synchronous Serial I/O:
5 channels
CRC Calculation Circuit (CCITT):
X16+X12+X5+1
X/Y Converter:
16 bits x 16 bits
D/A Converter:
8 bits x 2 channels
Peripheral Functions
<VCC2>(3)
<VCC1>(3)
ROM
RAM
Memory
<VCC1>(3)
<VCC2>(3)
78
5
8
8
(Note 1)
888888
8
DMACII
DMAC
Watchdog Timer (15 bits)
CAN Module: 2 channels
Intelligent I/O
Time Measurement: 8 channels
Waveform Generating: 8 channels
Communication Functions:
Clock Synchronous Serial I/O,
UART,
HDLC Data Processing
Timer (16 bits)
Timer A: 5 channels
Timer B: 6 channels
Three-Phase Motor Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com