Electronic Components Datasheet Search
  English  ▼

X  

32C85 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 32C85
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C85 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 32C85 Datasheet HTML 56Page - Renesas Technology Corp 32C85 Datasheet HTML 57Page - Renesas Technology Corp 32C85 Datasheet HTML 58Page - Renesas Technology Corp 32C85 Datasheet HTML 59Page - Renesas Technology Corp 32C85 Datasheet HTML 60Page - Renesas Technology Corp 32C85 Datasheet HTML 61Page - Renesas Technology Corp 32C85 Datasheet HTML 62Page - Renesas Technology Corp 32C85 Datasheet HTML 63Page - Renesas Technology Corp 32C85 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
Page 60
7
8
f
o
5
0
0
2
,
1
0
.
l
u
J
1
2
.
1
.
v
e
R
5. Electrical Characteristics (M32C/85)
)
T
5
8
/
C
2
3
M
,
5
8
/
C
2
3
M
(
p
u
o
r
G
5
8
/
C
2
3
M
Figure 5.4 VCC1=VCC2=5V Timing Diagram (2)
BCLK
CSi
ADi
RD
-5ns.min
BHE
ADi
/DBi
26ns.min
td(BCLK-RD)
tsu(DB-BCLK)
tac2(RD-DB)
tdz(RD-AD)
8ns.max
ALE
td(BCLK-ALE)
18ns.max
td(BCLK-CS)
td(AD-ALE)
th(ALE-AD)
th(BCLK-RD)
th(RD-AD)
th(RD-DB)
td(BCLK-AD)
th(BCLK-CS)
th(RD-CS)
th(BCLK-ALE)
tcyc
Memory Expansion Mode and Microprocessor Mode
(when accessing an external memory space with the multiplexed bus)
-5ns.min
BCLK
CSi
ADi
BHE
ADi
/DBi
WR,WRL,
WRH
th(WR-CS)
ALE
th(BCLK-WR)
td(DB-WR)
18ns.max
tac2(AD-DB)
[ Read Timing ] (2
φ +2φ Bus Cycle)
Address
(1)
(1)
(1)
td(AD-ALE)=(tcyc/2 x n-20)ns.min (if external bus cycle is a
φ + bφ, n=a)
th(ALE-AD)=(tcyc/2 x n-10)ns.min (if external bus cycle is a
φ + bφ, n=a)
th(RD-AD)=(tcyc/2-10)ns.min, th(RD-CS)=(tcyc/2-10)ns.min
tac2(RD-DB)=(tcyc/2 x m-35)ns.max (if external bus cycle is a
φ + bφ, m=(b x 2)-1)
tac2(AD-DB)=(tcyc/2 x p-35)ns.max (if external bus cycle is a
φ + bφ, p={(a+b-1) x 2}+1)
NOTES:
1. Varies with operation frequency:
Data input
Address
(1)
[ Write Timing ] (2
φ +2φ Bus Cycle)
Address
Data output
Address
(2)
(2)
td(AD-ALE)=(tcyc/2 x n - 20)ns.min
(if external bus cycle is a
φ + bφ, n=a)
th(ALE-AD)=(tcyc/2 x n -10)ns.min
(if external bus cycle is a
φ + bφ, n=a)
th(WR-AD)=(tcyc/2-10)ns.min,
th(WR-CS)=(tcyc/2-10)ns.min, th(WR-DB)=(tcyc/2-10)ns.min
td(DB-WR)=(tcyc/2 x m-25)ns.min
(if external bus cycle is a
φ + bφ, m=(b x 2)-1)
NOTES:
2. Varies with operation frequency:
Measurement Conditions:
• VCC1=VCC2=4.2 to 5.5V
• Input high and low voltage:
VIH=2.5V, VIL=0.8V
• Output high and low voltage:
VOH=2.0V, VOL=0.8V
Vcc1=Vcc2=5V
-3ns.min
(1)
th(BCLK-AD)
-3ns.min
0ns.min
(1)
18ns.max
-2ns.min
18ns.max
18ns.max
th(WR-DB)
(2)
th(BCLK-AD)
-3ns.min
th(WR-AD)
18ns.max
td(BCLK-WR)
18ns.max
td(BCLK-AD)
td(AD-ALE)
(2)
td(BCLK-CS)
18ns.max
td(BCLK-ALE)
-2ns.min
th(BCLK-ALE)
tcyc
(2)
th(BCLK-CS)
-3ns.min
th(ALE-AD)
(2)
tcyc=
10
f(BCLK)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com