Electronic Components Datasheet Search
  English  ▼

X  

32C85 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 32C85
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C85 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 32C85 Datasheet HTML 14Page - Renesas Technology Corp 32C85 Datasheet HTML 15Page - Renesas Technology Corp 32C85 Datasheet HTML 16Page - Renesas Technology Corp 32C85 Datasheet HTML 17Page - Renesas Technology Corp 32C85 Datasheet HTML 18Page - Renesas Technology Corp 32C85 Datasheet HTML 19Page - Renesas Technology Corp 32C85 Datasheet HTML 20Page - Renesas Technology Corp 32C85 Datasheet HTML 21Page - Renesas Technology Corp 32C85 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
Page 18
1. Overview
7
8
f
o
5
0
0
2
,
1
0
.
l
u
J
1
2
.
1
.
v
e
R
)
T
5
8
/
C
2
3
M
,
5
8
/
C
2
3
M
(
p
u
o
r
G
5
8
/
C
2
3
M
Supply
Classsfication
Symbol
I/O Type
Function
Voltage
AN150 to AN157
P110 to P114
P120 to P127
P130 to P137
P140 to P146
P150 to P157
A/D Converter
I/O Ports
I
I/O
I/O
VCC1
VCC2
VCC1
Analog input pins for the A/D converter
I/O ports having equivalent functions to P0
I/O ports having equivalent functions to P0
I : Input
O : Output
I/O : Input and output
Table 1.6 Pin Description (144-Pin Package only) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com