Electronic Components Datasheet Search
  English  ▼

X  

32C8A Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 32C8A
Description  RENESAS MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C8A Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 32C8A Datasheet HTML 45Page - Renesas Technology Corp 32C8A Datasheet HTML 46Page - Renesas Technology Corp 32C8A Datasheet HTML 47Page - Renesas Technology Corp 32C8A Datasheet HTML 48Page - Renesas Technology Corp 32C8A Datasheet HTML 49Page - Renesas Technology Corp 32C8A Datasheet HTML 50Page - Renesas Technology Corp 32C8A Datasheet HTML 51Page - Renesas Technology Corp 32C8A Datasheet HTML 52Page - Renesas Technology Corp 32C8A Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
M32C/8A Group
Rev.1.10
Jul 15, 2007
Page 49 of 65
Figure 5.4
VCC1 = VCC2 = 5 V Timing Diagram (2)
Microprocessor Mode
BCLK
RD
(Separate bus)
WR, WRL, WRH
(Separate bus)
RD
(Multiplexed bus)
WR, WRL, WRH
(Multiplexed bus)
RDY Input
tsu(RDY-BCLK)
th(BCLK-RDY)
Hi-Z
tsu(HOLD-BCLK)
td(BCLK-HLDA)
BCLK
HOLD Input
HLDA Output
P0, P1, P2,
P3, P4,
P5_0 to P5_2
Measurement Conditions
-VCC1 = VCC2 = 4.2 to 5.5 V
-Input high and low voltage: VIH = 4.0 V, VIL = 1.0 V
-Output high and low voltage: VOH = 2.5 V, VOL = 2.5 V
VCC1=VCC2=5V
th(BCLK-HOLD)
td(BCLK-HLDA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com