| Electronic Components Datasheet Search |
|
32C8A Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32C8A Datasheet(HTML) 19 Page - Renesas Technology Corp |
|
19 / 67 page ![]() M32C/8A Group Rev.1.10 Jul 15, 2007 Page 19 of 65 2.1 General Registers 2.1.1 Data Registers (R0, R1, R2, and R3) R0, R1, R2, and R3 are 16-bit registers for transfer, arithmetic and logic operations. R0 and R1 can be split into high-order (R0H/R1H) and low-order bits (R0L/R1L) to be used separately as 8-bit data registers. R0 can be combined with R2 and used as a 32-bit data register (R2R0). The same applies to R3R1. 2.1.2 Address Registers (A0 and A1) A0 and A1 are 24-bit registers used for A0-/A1-indirect addressing, A0-/A1-relative addressing, transfer, arithmetic and logic operations. 2.1.3 Static Base Register (SB) SB is a 24-bit register used for SB-relative addressing. 2.1.4 Frame Base Register (FB) FB is a 24-bit register used for FB-relative addressing. 2.1.5 User Stack Pointer (USP) and Interrupt Stack Pointer (ISP) The stack pointers (SP), USP and ISP, are 24 bits wide each. The U flag is used to switch between USP and ISP. Refer to 2.1.8 Flag Register (FLG) for details on the U flag. Set USP and ISP to even addresses to execute an interrupt sequence efficiently. 2.1.6 Interrupt Table Register (INTB) INTB is a 24-bit register indicating the starting address of a relocatable interrupt vector table. 2.1.7 Program Counter (PC) PC is 24 bits wide and indicates the address of the next instruction to be executed. 2.1.8 Flag Register (FLG) FLG is a 16-bit register indicating the CPU state. 2.1.8.1 Carry Flag (C) The C flag indicates whether or not carry or borrow has been generated after executing an instruction. 2.1.8.2 Debug Flag (D) The D flag is for debugging only. Set it to 0. 2.1.8.3 Zero Flag (Z) The Z flag becomes 1 when an arithmetic operation results in 0; otherwise becomes 0. 2.1.8.4 Sign Flag (S) The S flag becomes 1 when an arithmetic operation results in a negative value; otherwise becomes 0. 2.1.8.5 Register Bank Select Flag (B) Register bank 0 is selected when the B flag is set to 0. Register bank 1 is selected when this flag is set to 1. 2.1.8.6 Overflow Flag (O) The O flag becomes 1 when an arithmetic operation results in an overflow; otherwise becomes 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |