Electronic Components Datasheet Search
  English  ▼

X  

32C8A Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 32C8A
Description  RENESAS MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C8A Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 32C8A Datasheet HTML 28Page - Renesas Technology Corp 32C8A Datasheet HTML 29Page - Renesas Technology Corp 32C8A Datasheet HTML 30Page - Renesas Technology Corp 32C8A Datasheet HTML 31Page - Renesas Technology Corp 32C8A Datasheet HTML 32Page - Renesas Technology Corp 32C8A Datasheet HTML 33Page - Renesas Technology Corp 32C8A Datasheet HTML 34Page - Renesas Technology Corp 32C8A Datasheet HTML 35Page - Renesas Technology Corp 32C8A Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
M32C/8A Group
Rev.1.10
Jul 15, 2007
Page 32 of 65
Table 4.11
SFR Address Map (11)
X: Undefined
Blank spaces are all reserved. No access is allowed.
NOTES:
1.
These registers cannot be used in the 100-pin package.
2.
Set to FFh in the 100-pin package.
3.
Set to 00h in the 100-pin package.
Address
Register
Address
Register
03D0h
Port P14 Register(1)
P14
XXh
03D1h
Port P15 Register(1)
P15
XXh
03D2h
Port P14 Direction Register(1)(2)
PD14
X000 0000b
03D3h
Port P15 Direction Register(1)(2)
PD15
00h
03D4h
03D5h
03D6h
03D7h
03D8h
03D9h
03DAh
Pull-Up Control Register 2
PUR2
00h
03DBh
Pull-Up Control Register 3
PUR3
00h
03DCh
Pull-Up Control Register 4(1)(3)
PUR4
XXXX 0000b
03DDh
03DEh
03DFh
03E0h
Port P0 Register
P0
XXh
03E1h
Port P1 Register
P1
XXh
03E2h
Port P0 Direction Register
PD0
00h
03E3h
Port P1 Direction Register
PD1
00h
03E4h
Port P2 Register
P2
XXh
03E5h
Port P3 Register
P3
XXh
03E6h
Port P2 Direction Register
PD2
00h
03E7h
Port P3 Direction Register
PD3
00h
03E8h
Port P4 Register
P4
XXh
03E9h
Port P5 Register
P5
XXh
03EAh
Port P4 Direction Register
PD4
00h
03EBh
Port P5 Direction Register
PD5
00h
03ECh
03EDh
03EEh
03EFh
03F0h
Pull-Up Control Register 0
PUR0
00h
03F1h
Pull-Up Control Register 1
PUR1
XXXX 0000b
03F2h
03F3h
03F4h
03F5h
03F6h
03F7h
03F8h
03F9h
03FAh
03FBh
03FCh
03FDh
03FEh
03FFh
Port Control Register
PCR
XXXX XXX0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com