Electronic Components Datasheet Search
  English  ▼

X  

32C8A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 32C8A
Description  RENESAS MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C8A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 32C8A Datasheet HTML 17Page - Renesas Technology Corp 32C8A Datasheet HTML 18Page - Renesas Technology Corp 32C8A Datasheet HTML 19Page - Renesas Technology Corp 32C8A Datasheet HTML 20Page - Renesas Technology Corp 32C8A Datasheet HTML 21Page - Renesas Technology Corp 32C8A Datasheet HTML 22Page - Renesas Technology Corp 32C8A Datasheet HTML 23Page - Renesas Technology Corp 32C8A Datasheet HTML 24Page - Renesas Technology Corp 32C8A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
M32C/8A Group
Rev.1.10
Jul 15, 2007
Page 21 of 65
3.
Memory
Figure 3.1 is a memory map of the M32C/8A Group.
The M32C/8A Group has 16-Mbyte address space from addresses 000000h to FFFFFFh.
The fixed interrupt vectors are allocated addresses FFFFDCh to FFFFFFh. They store the starting address of each
interrupt routine.
The internal RAM is allocated higher addresses, beginning with address 000400h. For example, a 12-Kbyte internal
RAM area is allocated addresses 000400h to 0033FFh. The internal RAM is used not only for storing data but for the
stacks when subroutines are called or when interrupt requests are acknowledged.
SFRs are allocated address 000000h to 0003FFh. The peripheral function control registers such as for I/O ports, A/D
converters, serial interfaces, timers are allocated here. All blank spaces within SFRs are reserved and cannot be
accessed by users.
The special page vectors are allocated addresses FFFE00h to FFFFDBh. They are used for the JMPS instruction and
JSRS instruction. Refer to the Renesas publication M32C/80 Series Software Manual for details.
Figure 3.1
Memory Map
NOTE:
1. The watchdog timer interrupt, oscillation stop detection interrupt , and Vdet4 detection interrupt use the same vector.
FFFFFFh
Special page
vector table
FFFFDCh
FFFE00h
Reset
Address match
BRK instruction
Overflow
Undefined instruction
NMI
Watchdog timer(1)
000000h
SFR
Internal RAM
Reserved
External Space
000400h
XXXXXXh
010000h
FFFFFFh
Internal RAM
XXXXXXh
0033FFh
Capacity
12 Kbytes
0063FFh
24 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com