Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R8C/10
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 4 Page - Renesas Technology Corp

  R8C/10 Datasheet HTML 1Page - Renesas Technology Corp R8C/10 Datasheet HTML 2Page - Renesas Technology Corp R8C/10 Datasheet HTML 3Page - Renesas Technology Corp R8C/10 Datasheet HTML 4Page - Renesas Technology Corp R8C/10 Datasheet HTML 5Page - Renesas Technology Corp R8C/10 Datasheet HTML 6Page - Renesas Technology Corp R8C/10 Datasheet HTML 7Page - Renesas Technology Corp R8C/10 Datasheet HTML 8Page - Renesas Technology Corp R8C/10 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Rev.1.60
Jan 27, 2006
page 4 of 25
REJ03B0035-0160
R8C/10 Group
1. Overview
1.4 Product Information
Table 1.2 lists the product inforamation.
Table 1.2 Product Information
RAM capacity
ROM capacity
Package type
Remarks
Type No.
As of January 2006
Flash memory version
R5F21102FP
PLQP0032GB-A
8K bytes
512 bytes
PLQP0032GB-A
12K bytes
768 bytes
PLQP0032GB-A
16K bytes
1K bytes
R5F21103FP
R5F21104FP
R5F21102DFP
PLQP0032GB-A
8K bytes
512 bytes
PLQP0032GB-A
12K bytes
768 bytes
PLQP0032GB-A
16K bytes
1K bytes
R5F21103DFP
R5F21104DFP
D version
Figure 1.2 Type No., Memory Size, and Package
Package type:
FP : PLQP0032GB-A
ROM capacity:
2 : 8 KBytes.
3 : 12 KBytes.
4 : 16 KBytes.
Memory type:
F: Flash memory version
Type No.R 5 F
21104
D FP
R8C/10 group
R8C/Tiny series
Classification:
D: Operating ambient temperature –40 °C to 85 °C
No symbol: Operating ambient temperature –20 °C to 85 °C
Renesas MCU
Renesas semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com