Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R8C/10
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 11Page - Renesas Technology Corp R8C/10 Datasheet HTML 12Page - Renesas Technology Corp R8C/10 Datasheet HTML 13Page - Renesas Technology Corp R8C/10 Datasheet HTML 14Page - Renesas Technology Corp R8C/10 Datasheet HTML 15Page - Renesas Technology Corp R8C/10 Datasheet HTML 16Page - Renesas Technology Corp R8C/10 Datasheet HTML 17Page - Renesas Technology Corp R8C/10 Datasheet HTML 18Page - Renesas Technology Corp R8C/10 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
R8C/10 Group
5. Electrical Characteristics
Rev.1.60
Jan 27, 2006
page 15 of 25
REJ03B0035-0160
Table 5.3 A/D Conversion Characteristics
Standard
Min.Typ.
Max.
–Resolution
Bit
Vref =VCC
10
SymbolParameterMeasuring conditionUnit
LSB
±3
RLADDER
tCONV
Ladder resistance
Conversion time
Reference voltage
Analog input voltage
V
VIA
VREF
0
VCC(4)
Vref
NOTES:
1. VCC=AVCC=2.7 to 5.5V at Topr = -20 to 85 °C / -40 to 85 °C, unless otherwise specified.
2. If fAD exceeds 10 MHz, divide the fAD and hold A/D operating clock frequency (ØAD) 10 MHz or below.
3. If the AVcc is less than 4.2V, divide the fAD and hold A/D operating clock frequency (ØAD) fAD/2 or below.
4. Hold Vcc=Vref.
øAD=10 MHz, Vref=Vcc=5.0V
VREF=VCC
–
Absolute
accuracy
–
10 bit mode
8 bit mode
øAD=10 MHz, Vref=Vcc=5.0V
±2
LSB
10 bit mode
8 bit mode
øAD=10 MHz, Vref=Vcc=3.3V(3)
±5LSB
øAD=10 MHz, Vref=Vcc=3.3V(3)
±2LSB
10
40
k
Ω
10 bit mode
8 bit mode
øAD=10 MHz, Vref=Vcc=5.0V
øAD=10 MHz, Vref=Vcc=5.0V
3.3
2.8
µs
µs
V
A/D operating
clock frequency(2)
Without sample & hold
With sample & hold
0.25
10
MHz
1.0
10
MHz
Table 5.4 Flash Memory Version Electrical Characteristics
Byte program time
Block erase time
Program, Erase voltage
Read voltage
50
0.4
µs
Parameter
Standard
Min.Typ.Max
Unit
NOTES:
1. VCC1=AVcc=2.7 to 5.5V at Topr = 0 to 60 °C, unless otherwise specified.
2. The data hold time includes time that the power supply is off or the clock is not supplied.
Measuring condition
Symbol
–
–
–
–
Program, Erase temperature
2.7
2.7
0
400
9
5.5
5.5
60
s
V
V
°C
–
Time delay from suspend request until erase
suspend
td(SR-ES)
–
Program/erase endurance
8
ms
100
times
–
Data hold time(2)
Ambient
temperature=55 °C
20
year
–
Erase Suspend Request Interval
10
ms
Table 5.5 Power Circuit Timing Characteristics
Symbol
Standard
Typ.
Unit
Measuring condition
Min.Max.
Parameter
2000
NOTES:
1. The measuring condition is Vcc=AVcc=2.7 to 5.5 V and Topr=25 °C.
2. This shows the waiting time until the internal power supply generating circuit is stabilized during powering-on.
3. This shows the time until BCLK starts from the interrupt acknowledgement to cancel stop mode.
150
td(R-S)
STOP release time(3)
µs
td(P-R)
Time for internal power supply stabilization during powering-on(2)
µs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com