Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R8C/10
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 13Page - Renesas Technology Corp R8C/10 Datasheet HTML 14Page - Renesas Technology Corp R8C/10 Datasheet HTML 15Page - Renesas Technology Corp R8C/10 Datasheet HTML 16Page - Renesas Technology Corp R8C/10 Datasheet HTML 17Page - Renesas Technology Corp R8C/10 Datasheet HTML 18Page - Renesas Technology Corp R8C/10 Datasheet HTML 19Page - Renesas Technology Corp R8C/10 Datasheet HTML 20Page - Renesas Technology Corp R8C/10 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
R8C/10 Group
5. Electrical Characteristics
Rev.1.60
Jan 27, 2006
page 17 of 25
REJ03B0035-0160
Table 5.6 Electrical Characteristics (1)
[Vcc=5V]
Symbol
VOH
VOL
"L" output voltage
"H" output voltage
Standard
Typ.
Unit
Measuring condition
V
V
Min.
Max.
VCC
-2.0
Parameter
IOH=
-5mA
V
NOTES:
1. Referenced to VCC=AVCC=4.2 to 5.5V at Topr = -20 to 85 °C / -40 to 85 °C, f(XIN)=20MHz unless otherwise specified.
VCC
Except XOUT
XOUT
IOH=
-200µA
Drive capacity HIGH
Drive capacity LOW
VCC
-0.3
VCC
V
IOH=
-1 mA
VCC
-2.0
VCC
-2.0
IOH=
-500µA
V
V
VCC
VCC
Except P10 to P17, XOUT
P10 to P17
Drive capacity HIGH
Drive capacity LOW
IOL= 5 mA
IOL= 200 µA
IOL= 15 mA
IOL= 5 mA
2.0
0.45
V
2.0
V
V
Hysteresis
"H" input current
IIH
"L" input current
IIL
VRAM
RAM retention voltage
VT+-VT-
0.2
V
µA
At stop mode
2.0
VI=5V
VI=0V
RfXIN
Feedback resistance
XIN
M
Ω
RPULLUP
Pull-up resistance
167
k
Ω
30
125
XOUT
Drive capacity HIGH
Drive capacity LOW
IOL= 1 mA
IOL=500µA
2.0
2.0
V
INTo, INT1, INT2, INT3, KI0, KI1,
KI2, KI3, CNTR0, CNTR1, TCIN,
RxD0, RxD1, P45
RESET
0.2
1.0
2.2
V
V
5.0
-5.0
µA
VI=0V
50
1.0
fRING
On-chip oscillator frequency
40
250
kHz
IOL= 200 µA
0.45
2.0
Drive capacity LOW
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com