Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R8C/10
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 20Page - Renesas Technology Corp R8C/10 Datasheet HTML 21Page - Renesas Technology Corp R8C/10 Datasheet HTML 22Page - Renesas Technology Corp R8C/10 Datasheet HTML 23Page - Renesas Technology Corp R8C/10 Datasheet HTML 24Page - Renesas Technology Corp R8C/10 Datasheet HTML 25Page - Renesas Technology Corp R8C/10 Datasheet HTML 26Page - Renesas Technology Corp R8C/10 Datasheet HTML 27Page - Renesas Technology Corp R8C/10 Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
REVISION HISTORY
R8C/10 Group Datasheet
Rev.
Date
Description
Page
Summary
A-1
1.00 Jun. 19, 2003
First edition issued
1.10 Sep. 08, 2003
Table 1.1: Shortest instruction execution time and f(XIN) changed
____________
Figure 1.3: Pin name changed from TXOUT to CNTR0
____________
Table 1.3: Pin name changed from TXOUT to CNTR0
The value of Time C register after reset changed
Chapter “5. Electrical Characteristics” added
2
5
6
12
14
1.20 Oct. 31, 2003
Table 1.1: Power consumption values added
Table 1.3: Resistor value for CNVss and MODE deleted
Table 5.2: Note 3 and Note 4 deleted
tsamp in Table 5.3 deleted
Figure 5.1 added
Table 5.7: Vcc changed from “4.2 to 5.5V” to “3.3V to 5.5V”, on-chip oscillator
changed from “on 100kHz” to “125kHz”, XIN=5MHz deleted and XIN=10MHz added
in high-speed mode and medium-speed mode, data added and modified
Table 5.8 to Table 5.12 added
Figure 5.2 added
Table 5.13: Note 1, f(BCLK)=5 MHz changed to 10 MHz
Table 5.14: on-chip oscillator changed from “on 100kHz” to “125kHz”, XIN=5MHz
deleted and XIN=10MHz added in high-speed mode and medium-speed mode, data
added and modified
Table 5.15 to Table 5.19 added
Figure 5.3 added
2
6
14
15
16
18
19
20
21
22
23
24
1.30 Dec 05, 2003
4
Table 1.2 : ** deleted
15
Table 5.4 revised
1.40 Sep 30, 2004 All pages Words standardized (on-chip oscillator, serial interface, A/D)
2
Table 1.1 revised
5
Figure 1.3, NOTES 3 added
6
Table 1.3 revised
10-13
One body sentence in chapter 4 added ; Titles 4.1 to 4.4 added
12
Table 4.3 revised ; Table 4.4 revised
14
Table 5.2 revised
15
Table 5.3 revised ; Table 5.4 revised
17
Table 5.6 revised
18
Table 5.7 revised
19
Table 5.8 revised ; Table 5.12 revised
21
Table 5.13 revised
22
Table 5.14 revised
23
Table 5.15 revised ; Table 5.17 revised ; Table 5.19 revised
1.50 Apr.27.2005
4
Table 1.2, Figure 1.2 package name revised
5
Figure 1.3 package name revised
10
Table 4.1 revised



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com