Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R8C/13
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 5 Page - Renesas Technology Corp

  R8C/13 Datasheet HTML 1Page - Renesas Technology Corp R8C/13 Datasheet HTML 2Page - Renesas Technology Corp R8C/13 Datasheet HTML 3Page - Renesas Technology Corp R8C/13 Datasheet HTML 4Page - Renesas Technology Corp R8C/13 Datasheet HTML 5Page - Renesas Technology Corp R8C/13 Datasheet HTML 6Page - Renesas Technology Corp R8C/13 Datasheet HTML 7Page - Renesas Technology Corp R8C/13 Datasheet HTML 8Page - Renesas Technology Corp R8C/13 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Rev.1.20
Jan 27, 2006
page 5 of 27
REJ03B0069-0120
R8C/13 Group
1. Overview
Package: PLQP0032GB-A (32P6U-A)
Figure 1.3 Pin Assignments (Top View)
PIN Assignments (top view)
1 2 3 4 5 6 7 8
9
10
11
12
13
14
15
16
29
28
27
26
25
24 23 22 21 20 19 18 17
32
31
30
R8C/13 Group
P16/CLK0
P15/RxD0
P14/TxD0
P03/AN4
P02/AN5
P01/AN6
P00/AN7/TxD11
P06/AN1
P05/AN2
P04/AN3
P45/INT0
P10/KI0/AN8/CMP00
P11/KI1/AN9/CMP01
P12/KI2/AN10/CMP02
P13/KI3/AN11
MODE
NOTES:
1. P47 functions only as an input port.
2. When using On-chip debugger, do not use P00/AN7/TxD11
and P37/TxD10/RxD1 pins.
3. Do not connect IVcc to Vcc.
1.5 Pin Assignments
Figure 1.3 shows the pin configuration (top view).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com