Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R8C/13
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 23Page - Renesas Technology Corp R8C/13 Datasheet HTML 24Page - Renesas Technology Corp R8C/13 Datasheet HTML 25Page - Renesas Technology Corp R8C/13 Datasheet HTML 26Page - Renesas Technology Corp R8C/13 Datasheet HTML 27Page - Renesas Technology Corp R8C/13 Datasheet HTML 28Page - Renesas Technology Corp R8C/13 Datasheet HTML 29Page - Renesas Technology Corp R8C/13 Datasheet HTML 30Page - Renesas Technology Corp R8C/13 Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
REVISION HISTORY
R8C/13 Group Datasheet
Rev.
Date
Description
Page
Summary
A-3
1.20 Jan.27.2006
20
Table 5.12 Electrical Characteristics (2) [VCC=5V];
NOTES: 1, 2 revised
Measuring condition Stop mode: “Topr=-25 °C” added
23
Table 5.18 Electrical Characteristics (3) [VCC=3V]
“P10 to P17 Except XOUT”
→ “Except P10 to P17, XOUT” revised
24
Table 5.19 Electrical Characteristics (4) [VCC=3V]
NOTES: 1, 2 revised
Measuring condition Stop mode: “Topr=-25 °C” added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com