Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R8C/13
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 13Page - Renesas Technology Corp R8C/13 Datasheet HTML 14Page - Renesas Technology Corp R8C/13 Datasheet HTML 15Page - Renesas Technology Corp R8C/13 Datasheet HTML 16Page - Renesas Technology Corp R8C/13 Datasheet HTML 17Page - Renesas Technology Corp R8C/13 Datasheet HTML 18Page - Renesas Technology Corp R8C/13 Datasheet HTML 19Page - Renesas Technology Corp R8C/13 Datasheet HTML 20Page - Renesas Technology Corp R8C/13 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
R8C/13 Group
5. Electrical Characteristics
Rev.1.20
Jan 27, 2006
page 17 of 27
REJ03B0069-0120
Table 5.5 Flash Memory (Data flash Block A, Block B) Electrical Characteristics(4)
Byte program time(program/erase endurance
≤1000 times)
Program, Erase Voltage
Read Voltage
65
0.3
µs
Parameter
Standard
Min.Typ.Max
Unit
NOTES:
1. Referenced to VCC=AVcc=2.7 to 5.5V at Topr = -20°C to 85°C / -40°C to 85°C unless otherwise specified.
2. Definition of Program/Erase
The endurance of Program/Erase shows a time for each block.
If the program/erase number is “n” (n = 1000, 10000), “n” times erase can be performed for each block.
For example, if performing one-byte write to the distinct addresses on Block A of 2K-byte block 2048 times and then
erasing that block, the number of Program/Erase cycles is one time.
However, performing multiple writes to the same address before an erase operation is prohibited (overwriting
prohibited).
3. Numbers of Program/Erase cycles for which all electrical characteristics is guaranteed.
4. Table 5.5 applies for Block A or B when the Program/Erase cycles are more than 1000. The byte program time up to
1000 cycles are the same as that of the program area (see Table 5.4).
5. To reduce the number of Program/Erase cycles, a block erase should ideally be performed after writing in series as
many distinct addresses (only one time each) as possible. If programming a set of 16 bytes, write up to 128 sets and
then erase them one time. This will result in ideally reducing the number of Program/Erase cycles. Additionally,
averaging the number of Program/Erase cycles for Block A and B will be more effective. It is important to track the total
number of block erases and restrict the number.
6. If error occurs during block erase, attempt to execute the clear status register command, then the block erase
command at least three times until the erase error disappears.
7. Customers desiring Program/Erase failure rate information should contact their Renesas technical support representa-
tive.
8. -40
°C for D version.
9. The data hold time includes time that the power supply is off or the clock is not supplied.
Measuring condition
Symbol
–
–
–
Program/Erase Temperature
2.7
2.7
-20(-40)(8)
5.5
5.5
85
s
V
V
°C
–
–
Program/Erase endurance(2)
10000(3)
times
Time delay from Suspend Request until Erase Suspend
ms
td(SR-ES)
Byte program time(program/erase endurance
>1000 times)
Block erase time(program/erase endurance
≤1000 times)
Block erase time(program/erase endurance
>1000 times)
–
–
–
Data hold time(9)
–
Ambient temperature =
55 °C
50
0.2
400
9
8
20
s
µs
year
Erase Suspend Request Interval
–
10
ms
FMR46
Erase-suspend request
(interrupt request)
td(SR-ES)
Figure 5.2 Time delay from Suspend Request until Erase Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com