Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R8C/13
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 14Page - Renesas Technology Corp R8C/13 Datasheet HTML 15Page - Renesas Technology Corp R8C/13 Datasheet HTML 16Page - Renesas Technology Corp R8C/13 Datasheet HTML 17Page - Renesas Technology Corp R8C/13 Datasheet HTML 18Page - Renesas Technology Corp R8C/13 Datasheet HTML 19Page - Renesas Technology Corp R8C/13 Datasheet HTML 20Page - Renesas Technology Corp R8C/13 Datasheet HTML 21Page - Renesas Technology Corp R8C/13 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
R8C/13 Group
5. Electrical Characteristics
Rev.1.20
Jan 27, 2006
page 18 of 27
REJ03B0069-0120
Table 5.7 Reset Circuit Electrical Characteristics (When Using Hardware Reset 2(1, 3))
Symbol
Standard
Typ.
Unit
Measuring condition
Min.Max.
Parameter
Vpor2
Power-on reset valid voltage
V
Vdet
NOTES:
1. The voltage detection circuit which is embedded in a microcomputer is a factor to generate the hardware reset 2. Refer to 5.1.2 Hardware
Reset 2 of Hardware Manual for details.
2. This condition is not applicable when using VCC
≥ 1.0V.
3. When turning power on after the external power has been held below the valid voltage (Vpor1) for greater than 10 seconds, refer to Table 5.8
Reset Circuit Electrical Characteristics (When Not Using Hardware Reset 2).
4. tw(por2) is time to hold the external power below effective voltage (Vpor2).
Supply voltage rising time when power-on reset is canceled(2)
tW(Vpor2-
Vdet)
ms
100
–20°C
≤ Topr < 85°C
–20°C
≤ Topr < 85°C, tW(por2) ≥ 0s(4)
Figure 5.3 Reset Circuit Electrical Characteristics
Table 5.8 Reset Circuit Electrical Characteristics (When Not Using Hardware Reset 2)
Vpor1
Vcc min
Vdet(3)
Vdet(3)
tw(por1) tw(Vpor1–Vdet)
Sampling time(1,2)
Internal reset signal
(“L” effective)
fRING-S
1
X 32
fRING-S
1
X 32
Vpor2
NOTES:
1. Hold the voltage of the microcomputer operation voltage range (Vccmin or above) within sampling time.
2. A sampling clock is selectable. Refer to “5.4 Voltage Detection Circuit” of Hardware manual for details.
3. Vdet shows the voltage detection level of the voltage detection circuit. Refer to “5.4 Voltage Detection Circuit” of
Hardware manual for details.
tw(por2) tw(Vpor2 –Vdet)
Table 5.6 Voltage Detection Circuit Electrical Characteristics
Symbol
Standard
Typ.
Unit
Measuring condition
Min.
Max.
Parameter
Vdet
Voltage detection level
V
3.8
4.3
NOTES:
1. The measuring condition is Vcc=AVcc=2.7V to 5.5V and Topr=-40°C to 85°C.
2. This shows the time until the voltage detection interrupt request is generated since the voltage passes Vdet.
3. This shows the required time until the voltage detection circuit operates when setting to "1" again after setting the VC27 bit in the VCR2
register to “0”.
Voltage detection interrupt request generating time(2)
40
nA
Voltage detection circuit self consumption current
Waiting time until voltage detection circuit operation starts(3)
td(E-A)
VC27=1, VCC=5.0V
3.3
20
600
µs
µs
Vccmin
Microcomputer operation voltage minimum value
2.7
V
Symbol
Standard
Typ.
Unit
Measuring condition
Min.
Max.
Parameter
0.1
NOTES:
1. When not using hardware reset 2, use with Vcc
≥ 2.7V.
2. tw(por1) is time to hold the external power below effective voltage (Vpor1).
100
1
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
0.5
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
V
Vpor1
Power-on reset valid voltage
ms
ms
ms
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
100
ms
0°C
≤ Topr ≤ 85°C, tW(por1) ≥ 10s(2)
–20°C
≤ Topr < 0°C, tW(por1) ≥ 10s(2)
0°C
≤ Topr ≤ 85°C, tW(por1) ≥ 1s(2)
–20°C
≤ Topr < 85°C
–20°C
≤ Topr < 0°C, tW(por1) ≥ 30s(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com