Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R8C/18
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 1 Page - Renesas Technology Corp

  R8C/18 Datasheet HTML 1Page - Renesas Technology Corp R8C/18 Datasheet HTML 2Page - Renesas Technology Corp R8C/18 Datasheet HTML 3Page - Renesas Technology Corp R8C/18 Datasheet HTML 4Page - Renesas Technology Corp R8C/18 Datasheet HTML 5Page - Renesas Technology Corp R8C/18 Datasheet HTML 6Page - Renesas Technology Corp R8C/18 Datasheet HTML 7Page - Renesas Technology Corp R8C/18 Datasheet HTML 8Page - Renesas Technology Corp R8C/18 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Rev.1.40
Apr 14, 2006
Page 1 of 38
REJ03B0124-0140
REJ03B0124-0140
Rev.1.40
Apr 14, 2006
R8C/18 Group, R8C/19 Group
SINGLE-CHIP 16-BIT CMOS MCU
1.
Overview
These MCUs are fabricated using a high-performance silicon gate CMOS process, embedding the
R8C/Tiny Series CPU core, and is packaged in a 20-pin molded-plastic LSSOP, SDIP or a 28-pin plastic
molded-HWQFN. It implements sophisticated instructions for a high level of instruction efficiency. With 1
Mbyte of address space, they are capable of executing instructions at high speed.
Furthermore, the R8C/19 Group has on-chip data flash ROM (1 KB × 2 blocks).
The difference between the R8C/18 Group and R8C/19 Group is only the presence or absence of data
flash ROM. Their peripheral functions are the same.
1.1
Applications
Electric household appliances, office equipment, housing equipment (sensors, security systems), general
industrial equipment, audio equipment, etc.


Similar Part No. - R8C/18

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C/18 RENESAS-R8C/18 Datasheet
2Mb / 257P
16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
R8C/18 RENESAS-R8C/18 Datasheet
2Mb / 257P
RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
More results

Similar Description - R8C/18

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP921064A SONY-CXP921064A Datasheet
415Kb / 33P
CMOS 16-bit Single Chip Microcomputer
CXP971000 SONY-CXP971000 Datasheet
236Kb / 9P
CMOS 16-bit Single Chip Microcomputer
logo
Hitachi Semiconductor
HD63705V0 HITACHI-HD63705V0 Datasheet
1Mb / 35P
8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU)
logo
Renesas Technology Corp
R8C26 RENESAS-R8C26 Datasheet
597Kb / 73P
SINGLE-CHIP 16-BIT CMOS MCU
R8C28 RENESAS-R8C28 Datasheet
585Kb / 71P
SINGLE-CHIP 16-BIT CMOS MCU
R8C-24 RENESAS-R8C-24 Datasheet
518Kb / 59P
SINGLE-CHIP 16-BIT CMOS MCU
R8C24 RENESAS-R8C24 Datasheet
518Kb / 59P
SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26_10 Datasheet
635Kb / 75P
SINGLE-CHIP 16-BIT CMOS MCU
R8C28 RENESAS-R8C28_10 Datasheet
625Kb / 73P
SINGLE-CHIP 16-BIT CMOS MCU
R5F21256SNFPU0 RENESAS-R5F21256SNFPU0 Datasheet
540Kb / 61P
SINGLE-CHIP 16-BIT CMOS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com