Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R8C/18
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 19Page - Renesas Technology Corp R8C/18 Datasheet HTML 20Page - Renesas Technology Corp R8C/18 Datasheet HTML 21Page - Renesas Technology Corp R8C/18 Datasheet HTML 22Page - Renesas Technology Corp R8C/18 Datasheet HTML 23Page - Renesas Technology Corp R8C/18 Datasheet HTML 24Page - Renesas Technology Corp R8C/18 Datasheet HTML 25Page - Renesas Technology Corp R8C/18 Datasheet HTML 26Page - Renesas Technology Corp R8C/18 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
R8C/18 Group, R8C/19 Group
5. Electrical Characteristics
Rev.1.40
Apr 14, 2006
Page 23 of 38
REJ03B0124-0140
NOTES:
1.
VCC = 2.7 to 5.5 V at Topr = -20 to 85
°C / -40 to 85 °C, unless otherwise specified.
2.
If f1 exceeds 10 MHz, divided f1 and ensure the comparator conversion operating clock frequency (
φAD) is 10 MHz or below.
3.
If AVcc is less than 4.2 V, divided f1 and ensure the comparator conversion operating clock frequency (
φAD) is f1/2 or below.
Figure 5.1
Port P1, P3, and P4 Measurement Circuit
Table 5.3
Comparator Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Resolution
−−
1Bit
−
Absolute accuracy
φAD = 10 MHz(3)
−−
±20
mV
tconv
Conversion time
φAD = 10 MHz(3)
1
−−
µs
Vref
Reference voltage
0
−
AVCC
V
VIA
Analog input voltage
0
−
AVCC
V
−
Comparator conversion operating clock
frequency(2)
1
−
10
MHz
P1
P3
P4
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com