Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # R8C/18
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 16Page - Renesas Technology Corp R8C/18 Datasheet HTML 17Page - Renesas Technology Corp R8C/18 Datasheet HTML 18Page - Renesas Technology Corp R8C/18 Datasheet HTML 19Page - Renesas Technology Corp R8C/18 Datasheet HTML 20Page - Renesas Technology Corp R8C/18 Datasheet HTML 21Page - Renesas Technology Corp R8C/18 Datasheet HTML 22Page - Renesas Technology Corp R8C/18 Datasheet HTML 23Page - Renesas Technology Corp R8C/18 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
R8C/18 Group, R8C/19 Group
4. Special Function Registers (SFRs)
Rev.1.40
Apr 14, 2006
Page 20 of 38
REJ03B0124-0140
Table 4.3
SFR Information (3)(1)
X: Undefined
NOTES:
1.
The blank regions are reserved. Do not access locations in these regions.
2.
When the output compare mode is selected (the TCC13 bit in the TCC1 register = 1), the value is set to FFFF16.
Address
Register
Symbol
After reset
0080h
Timer Z Mode Register
TZMR
00h
0081h
0082h
0083h
0084h
Timer Z Waveform Output Control Register
PUM
00h
0085h
Prescaler Z Register
PREZ
FFh
0086h
Timer Z Secondary Register
TZSC
FFh
0087h
Timer Z Primary Register
TZPR
FFh
0088h
0089h
008Ah
Timer Z Output Control Register
TZOC
00h
008Bh
Timer X Mode Register
TXMR
00h
008Ch
Prescaler X Register
PREX
FFh
008Dh
Timer X Register
TX
FFh
008Eh
Timer Count Source Setting Register
TCSS
00h
008Fh
0090h
Timer C Register
TC
00h
0091h
00h
0092h
0093h
0094h
0095h
0096h
External Input Enable Register
INTEN
00h
0097h
0098h
Key Input Enable Register
KIEN
00h
0099h
009Ah
Timer C Control Register 0
TCC0
00h
009Bh
Timer C Control Register 1
TCC1
00h
009Ch
Capture, Compare 0 Register
TM0
00h
009Dh
00h(2)
009Eh
Compare 1 Register
TM1
FFh
009Fh
FFh
00A0h
UART0 Transmit/Receive Mode Register
U0MR
00h
00A1h
UART0 Bit Rate Register
U0BRG
XXh
00A2h
UART0 Transmit Buffer Register
U0TB
XXh
00A3h
XXh
00A4h
UART0 Transmit/Receive Control Register 0
U0C0
00001000b
00A5h
UART0 Transmit/Receive Control Register 1
U0C1
00000010b
00A6h
UART0 Receive Buffer Register
U0RB
XXh
00A7h
XXh
00A8h
UART1 Transmit/Receive Mode Register
U1MR
00h
00A9h
UART1 Bit Rate Register
U1BRG
XXh
00AAh
UART1 Transmit Buffer Register
U1TB
XXh
00ABh
XXh
00ACh
UART1 Transmit/Receive Control Register 0
U1C0
00001000b
00ADh
UART1 Transmit/Receive Control Register 1
U1C1
00000010b
00AEh
UART1 Receive Buffer Register
U1RB
XXh
00AFh
XXh
00B0h
UART Transmit/Receive Control Register 2
UCON
00h
00B1h
00B2h
00B3h
00B4h
00B5h
00B6h
00B7h
00B8h
00B9h
00BAh
00BBh
00BCh
00BDh
00BEh
00BFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com