Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R8C/18
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 3 Page - Renesas Technology Corp

  R8C/18 Datasheet HTML 1Page - Renesas Technology Corp R8C/18 Datasheet HTML 2Page - Renesas Technology Corp R8C/18 Datasheet HTML 3Page - Renesas Technology Corp R8C/18 Datasheet HTML 4Page - Renesas Technology Corp R8C/18 Datasheet HTML 5Page - Renesas Technology Corp R8C/18 Datasheet HTML 6Page - Renesas Technology Corp R8C/18 Datasheet HTML 7Page - Renesas Technology Corp R8C/18 Datasheet HTML 8Page - Renesas Technology Corp R8C/18 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
R8C/18 Group, R8C/19 Group
1. Overview
Rev.1.40
Apr 14, 2006
Page 3 of 38
REJ03B0124-0140
Table 1.2
Functions and Specifications for R8C/19 Group
Item
Specification
CPU
Number of fundamental
instructions
89 instructions
Minimum instruction
execution time
50 ns (f(XIN) = 20 MHz, VCC = 3.0 to 5.5 V)
100 ns (f(XIN) = 10 MHz, VCC = 2.7 to 5.5 V)
Operation mode
Single-chip
Address space
1 Mbyte
Memory capacity
Refer to Table 1.4 Product Information for R8C/19
Group
Peripheral
Functions
Ports
I/O ports: 13 pins (including LED drive port)
Input port: 3 pins
LED drive ports
I/O ports: 4 pins
Timers
Timer X: 8 bits × 1 channel, timer Z: 8 bits × 1 channel
(Each timer equipped with 8-bit prescaler)
Timer C: 16 bits × 1 channel
(Input capture and output compare circuits)
Serial interfaces
1 channel
Clock synchronous serial I/O, UART
1 channel
UART
Comparator
1-bit comparator: 1 circuit, 4 channels
Watchdog timer
15 bits × 1 channel (with prescaler)
Reset start selectable, count source protection mode
Interrupts
Internal: 10 sources, External: 4 sources, Software: 4
sources,
Priority levels: 7 levels
Clock generation circuits
2 circuits
• Main clock generation circuit (with on-chip feedback
resistor)
• On-chip oscillator (high speed, low speed)
High-speed on-chi p oscillator has frequency
adjustment function
Oscillation stop detection
function
Main clock oscillation stop detection function
Voltage detection circuit
On-chip
Power-on reset circuit
On-chip
Electric
Characteristics
Supply voltage
VCC = 3.0 to 5.5 V (f(XIN) = 20 MHz)
VCC = 2.7 to 5.5 V (f(XIN) = 10 MHz)
Current consumption
Typ. 9 mA (VCC = 5.0 V, f(XIN) = 20 MHz, comparator stopped)
Typ. 5 mA (VCC = 3.0 V, f(XIN) = 10MHz, comparator stopped)
Typ. 35
µA (VCC = 3.0 V, wait mode, peripheral clock off)
Typ. 0.7
µA (VCC = 3.0 V, stop mode)
Flash Memory
Programming and erasure voltage VCC = 2.7 to 5.5 V
Programming and erasure
endurance
10,000 times (data flash)
1,000 times (program ROM)
Operating Ambient Temperature
-20 to 85
°C
-40 to 85
°C (D version)
Package
20-pin molded-plastic LSSOP
20-pin molded-plastic SDIP
28-pin molded-plastic HWQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com