Electronic Components Datasheet Search
  English  ▼

X  

M38266EBGP Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # M38266EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38266EBGP Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button M38266EBGP Datasheet HTML 38Page - Renesas Technology Corp M38266EBGP Datasheet HTML 39Page - Renesas Technology Corp M38266EBGP Datasheet HTML 40Page - Renesas Technology Corp M38266EBGP Datasheet HTML 41Page - Renesas Technology Corp M38266EBGP Datasheet HTML 42Page - Renesas Technology Corp M38266EBGP Datasheet HTML 43Page - Renesas Technology Corp M38266EBGP Datasheet HTML 44Page - Renesas Technology Corp M38266EBGP Datasheet HTML 45Page - Renesas Technology Corp M38266EBGP Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 42 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Low Groupt Frequency, High Group
Frequency
Low group frequency and high group frequency are as follows.
(1) Low group frequency
• 697 Hz
• 770 Hz
• 852 Hz
• 941 Hz
(2) High group frequency
• 1209 Hz
• 1336 Hz
• 1477 Hz
• 1633 Hz
Table 9 shows the example of frequency accuracy (at f(XIN)=4
MHz).
Fig. 44 Key matrix of telephone and rating frequency
Table 9 Example of frequency accuracy (at f(XIN) = 4 MHz)
Rating frequency (Hz)
697
770
852
941
1209
1336
1477
1633
n (Timer value)
89
80
72
65
51
46
41
37
Error frequency (Hz)
–2.6
1.6
4.2
5.9
–7.1
–6.3
11.1
11.7
Deviation (%)
–0.367
0.208
0.488
0.630
–0.580
–0.460
0.750
0.720
Output frequency (Hz)
694.4
771.6
856.2
946.9
1201.9
1329.7
1488.1
1644.7
1 2
3
4 5 6 B
7
8 9
*
0 #
A
C
D
697Hz
770Hz
852Hz
941Hz
Low group
frequency
High group frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com