Electronic Components Datasheet Search
  English  ▼

X  

M38266EBGP Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # M38266EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38266EBGP Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button M38266EBGP Datasheet HTML 40Page - Renesas Technology Corp M38266EBGP Datasheet HTML 41Page - Renesas Technology Corp M38266EBGP Datasheet HTML 42Page - Renesas Technology Corp M38266EBGP Datasheet HTML 43Page - Renesas Technology Corp M38266EBGP Datasheet HTML 44Page - Renesas Technology Corp M38266EBGP Datasheet HTML 45Page - Renesas Technology Corp M38266EBGP Datasheet HTML 46Page - Renesas Technology Corp M38266EBGP Datasheet HTML 47Page - Renesas Technology Corp M38266EBGP Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 44 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
LCD DRIVE CONTROL CIRCUIT
The 3826 group has the Liquid Crystal Display (LCD) drive control
circuit consisting of the following.
•LCD display RAM
•Segment output enable register
•LCD mode register
•Voltage multiplier
•Selector
•Timing controller
•Common driver
•Segment driver
•Bias control circuit
A maximum of 40 segment output pins and 4 common output pins
can be used.
Up to 160 pixels can be controlled for LCD display. When the LCD
Fig. 46 Structure of segment output enable register and LCD mode register
enable bit is set to “1” (LCD ON) after data is set in the LCD mode
register, the segment output enable register and the LCD display
RAM, the LCD drive control circuit starts reading the display data
automatically, performs the bias control and the duty ratio control,
and displays the data on the LCD panel.
Table 11 Maximum number of display pixels at each duty ratio
Duty ratio
Maximum number of display pixel
80 dots
or 8 segment LCD 10 digits
120 dots
or 8 segment LCD 15 digits
160 dots
or 8 segment LCD 20 digits
2
3
4
Segment output enable bit 0
0 : Output ports P30–P35
1 : Segment output SEG18–SEG23
Segment output enable bit 1
0 : Output ports P36, P37
1 : Segment output SEG24,SEG25
Segment output enable bit 2
0 : I/O ports P00–P05
1 : Segment output SEG26–SEG31
Segment output enable bit 3
0 : I/O ports P06,P07
1 : Segment output SEG32,SEG33
Segment output enable bit 4
0 : I/O port P10
1 : Segment output SEG34
Segment output enable bit 5
0 : I/O ports P11–P15
1 : Segment output SEG35–SEG39
LCD output enable bit
0 : Disabled
1 : Enabled
Not used (“0” at reading)
(Write “0” to this bit at writing.)
Segment output enable register
(SEG : address 003816)
b7
b0
LCD mode register
(LM : address 003916)
Duty ratio selection bits
b1b0
0 0 : Not used
0 1 : 2 duty (use COM0, COM1)
1 0 : 3 duty (use COM0–COM2)
1 1 : 4 duty (use COM0–COM3)
Bias control bit
0 : 1/3 bias
1 : 1/2 bias
LCD enable bit
0 : LCD OFF
1 : LCD ON
Voltage multiplier control bit
0 : Voltage multiplier disable
1 : Voltage multiplier enable
LCD circuit divider division ratio selection bits
b6b5
0 0 : Clock input
0 1 : 2 division of Clock input
1 0 : 4 division of Clock input
1 1 : 8 division of Clock input
LCDCK count source selection bit (Note)
0 : f(XCIN)/32
1 : f(XIN)/8192 (f(XCIN)/8192 in low-speed mode)
Note : LCDCK is a clock for a LCD timing controller.
b7
b0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com