Electronic Components Datasheet Search
  English  ▼

X  

M38266EBGP Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # M38266EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38266EBGP Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button M38266EBGP Datasheet HTML 59Page - Renesas Technology Corp M38266EBGP Datasheet HTML 60Page - Renesas Technology Corp M38266EBGP Datasheet HTML 61Page - Renesas Technology Corp M38266EBGP Datasheet HTML 62Page - Renesas Technology Corp M38266EBGP Datasheet HTML 63Page - Renesas Technology Corp M38266EBGP Datasheet HTML 64Page - Renesas Technology Corp M38266EBGP Datasheet HTML 65Page - Renesas Technology Corp M38266EBGP Datasheet HTML 66Page - Renesas Technology Corp M38266EBGP Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 63 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
VCC = 5.0 V, VO = VCC, Pullup ON
Output transistors “off”
VCC = 2.5 V,VO = VCC, Pullup ON
Output transistors “off”
IOL = 10 mA
IOL = 3.0 mA
IOL = 2.5 mA
VCC = 2.5 V
IOL = 5 mA
IOL = 1.5 mA
IOL = 1.25 mA
VCC = 2.5 V
VOL
IOH = –1 mA
IOH = –0.25 mA
VCC = 2.5 V
IOH = –5 mA
IOH = –1.5 mA
IOH = –1.25 mA
VCC = 2.5 V
V
VCC–2.0
“H” output voltage
P00–P07, P10–P15, P30–P37
Symbol
Parameter
Limits
Min.
Unit
0.5
Typ.
Max.
Test conditions
VOH
2.0
0.5
ELECTRICAL CHARACTERISTICS
Table 19 Electrical characteristics (1)
(VCC =4.0 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
IOL = 10 mA
IOL = 5 mA
VCC = 2.5 V
VI = VCC
VI = VCC
VI = VCC
VI = VSS
Pull-ups “off”
VCC = 5 V, VI = VSS
Pull-ups “on”
VCC = 2.5 V, VI = VSS
Pull-ups “on”
VI = VSS
VI = VSS
“H” output voltage
P16, P17, P20–P27, P41–P47, P50–P57,
P60–P67
“L” output voltage
P00–P07, P10–P15, P30–P37
“L” output voltage
P16, P17, P20–P27, P41–P47, P50–P57,
P60–P67
“L” output voltage
P40, P71–P77
Hysteresis
INT0–INT2, ADT, CNTR0, CNTR1, P20–P27
Hysteresis
SCLK, RXD, SIN2
Hysteresis
RESET
“H” input current
P00–P07, P10–P17, P20–P27, P40–P47,
P50–P57, P60–P67, P70–P77
“H” input current
RESET
“H” input current
XIN
“L” input current
P00–P07,P10–P17, P20–P27,P41–P47,
P50–P57, P60–P67
“L” input current
P40, P70–P77
“L” input current
RESET
“L” input current
XIN
Output load current
P30–P37
VOH
VOL
VOL
VT+ – VT–
VT+ – VT–
VT+ – VT–
IIH
IIH
IIH
IIL
IIL
IIL
ILOAD
VCC–2.0
VCC–0.5
–60.0
–6.0
0.5
0.5
4.0
–120.0
–25.0
–4.0
2.0
0.5
0.5
5.0
5.0
–5.0
–240.0
–45.0
–5.0
–5.0
–240.0
–45.0
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
IIL
VCC–0.8
VCC–0.8
V
V
V
0.8
V
0.8
0.3
V
µA
µA
µA
VO = VCC, Pullup OFF
Output transistors “off”
VO = VSS, Pullup OFF
Output transistors “off”
Output leak current
P30–P37
ILEAK
5.0
–5.0
µA
µA
–120.0
–25.0
–60.0
–6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com