Electronic Components Datasheet Search
  English  ▼

X  

M38266EBGP Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # M38266EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38266EBGP Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button M38266EBGP Datasheet HTML 71Page - Renesas Technology Corp M38266EBGP Datasheet HTML 72Page - Renesas Technology Corp M38266EBGP Datasheet HTML 73Page - Renesas Technology Corp M38266EBGP Datasheet HTML 74Page - Renesas Technology Corp M38266EBGP Datasheet HTML 75Page - Renesas Technology Corp M38266EBGP Datasheet HTML 76Page - Renesas Technology Corp M38266EBGP Datasheet HTML 77Page - Renesas Technology Corp M38266EBGP Datasheet HTML 78Page - Renesas Technology Corp M38266EBGP Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 75 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
3.3.4 Notes on interrupts
(1)
Unused interrupts
Set the interrupt enable bit for unused interrupts to “0” (disabled).
(2)
Change of relevant register settings
When setting the followings, the interrupt request bit may be set to “1”.
•When switching external interrupt active edge
Related register: •Interrupt edge selection register (address 3A16)
•Timer X mode register (address 2716)
•Timer Y mode register (address 2816)
•When switching interrupt sources of an interrupt vector address where two or more interrupt
sources are allocated
Related register: •Interrupt source selection bit of AD control register (bit 6 of address 3416)
When not requiring for the interrupt occurrence synchronous with these setting, take the following
sequence.
Fig. 3.3.5 Sequence of changing relevant register
■ Reason
When setting the followings, the interrupt request bit of the corresponding interrupt may be set
to “1”.
•When switching external interrupt active edge
Concerned register: INT0 interrupt edge selection bit (bit 0 of Interrupt edge selection register
(address 3A16))
INT1 interrupt edge selection bit (bit 1 of Interrupt edge selection register
(address 3A16))
INT2 interrupt edge selection bit (bit 2 of Interrupt edge selection register
(address 3A16))
CNTR0 active edge switch bit (bit 6 of timer X mode register (address 2716))
CNTR1 active edge switch bit (bit 6 of timer Y mode register (address 2816))
•When switching interrupt sources of an interrupt vector address where two or more interrupt
sources are allocated.
Concerned register: Interrupt source selection bit (bit 6 of AD control register (address 3416))
Set the corresponding interrupt enable bit to “0”
(disabled) .
↓
Set the interrupt edge select bit, active edge switch
bit, or the interrupt source select bit.
↓
NOP (One or more instructions)
↓
Set the corresponding interrupt request bit to “0”
(no interrupt request issued).
↓
Set the corresponding interrupt enable bit to “1”
(enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com