Electronic Components Datasheet Search
  English  ▼

X  

4250 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 4250
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 Datasheet(HTML) 4 Page - Renesas Technology Corp

  4250 Datasheet HTML 1Page - Renesas Technology Corp 4250 Datasheet HTML 2Page - Renesas Technology Corp 4250 Datasheet HTML 3Page - Renesas Technology Corp 4250 Datasheet HTML 4Page - Renesas Technology Corp 4250 Datasheet HTML 5Page - Renesas Technology Corp 4250 Datasheet HTML 6Page - Renesas Technology Corp 4250 Datasheet HTML 7Page - Renesas Technology Corp 4250 Datasheet HTML 8Page - Renesas Technology Corp 4250 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
3
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PERFORMANCE OVERVIEW
Function
70
1.0
µs (at 4.0 MHz system clock frequency) (Refer to the electrical characteristics because
the minimum instruction execution time depends on the supply voltage.)
2048 words ! 9 bits
64 words ! 4 bits
Four independent I/O ports; ports D2 and D3 are also used as ports C and K, respectively.
4-bit I/O port
1-bit I/O port; port C is also used as port D2.
1-bit I/O port; port K is also used as port D3.
2-bit I/O port
4-bit I/O port; ports G0 and G1 are also used as pins INT and TOUT.
Interrupt input; INT pin is also used as port G0.
Timer output; TOUT pin is also used as port G1.
8-bit timer with a reload register
2 (one for external and one for timer)
1 level
CR oscillation circuit (a capacitor and a resistor connected externally)
Frequency error:
±17 %
(VDD = 5 V
± 10 %, VDD = 3 V ± 10 %, the error of the external capacitor and resistor excluded)
4 levels
CMOS silicon gate
20-pin plastic molded SOP (20P2N-A)
–20
°C to 85 °C
2.2 V to 5.5 V (Refer to the electrical characteristics because the supply voltage depends on
the system clock frequency.)
1.5 mA
(at 4.0 MHz system clock frequency, VDD = 5 V, output transistors in the cut-off state)
0.1
µA (at room temperature, VDD = 5 V, output transistors in the cut-off state)
Parameter
Number of basic instructions
Minimum instruction execution time
Memory sizes
Input/Output
ports
Timer
Interrupt
Oscillation circuit
Subroutine nesting
Device structure
Package
Operating temperature range
Supply voltage
Power
dissipation
(typical value)
ROM
RAM
D0–D3
S0–S3
C
K
F0, F1
G0–G3
INT
TOUT
Timer 1
Sources
Nesting
Active mode
RAM back-up mode
M34250M2/
E2
I/O
I/O
I/O
I/O
I/O
I/O
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com