Electronic Components Datasheet Search
  English  ▼

X  

4250 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 4250
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 Datasheet(HTML) 2 Page - Renesas Technology Corp

  4250 Datasheet HTML 1Page - Renesas Technology Corp 4250 Datasheet HTML 2Page - Renesas Technology Corp 4250 Datasheet HTML 3Page - Renesas Technology Corp 4250 Datasheet HTML 4Page - Renesas Technology Corp 4250 Datasheet HTML 5Page - Renesas Technology Corp 4250 Datasheet HTML 6Page - Renesas Technology Corp 4250 Datasheet HTML 7Page - Renesas Technology Corp 4250 Datasheet HTML 8Page - Renesas Technology Corp 4250 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
ROM type
Mask ROM
One Time PROM
Package
20P2N-A
20P2N-A
RAM size
(✕ 4 bits)
64 words
64 words
*: Shipped after writing (shipped in blank: M34250E2FP)
PIN CONFIGURATION (TOP VIEW)
M34250M2-XXXFP
ROM (PROM) size
(✕ 9 bits)
2048 words
2048 words
Product
M34250M2-XXXFP
M34250E2-XXXFP *
VDD
2
3
4
5
6
7
8
9
10
1
19
18
17
16
15
14
13
12
11
20
G2
S0
S1
S2
S3
D3/K
D2/C
D1
D0
G3
VSS
G1/TOUT
G0/INT
RESET
XIN
XOUT
CNVSS
F0
F1
Outline 20P2N-A
DESCRIPTION
The 4250 Group is a 4-bit single-chip microcomputer designed
with CMOS technology. Its CPU is that of the 720 series using a
simple instruction set. The computer is equipped with one 8-bit
timer which has a reload register and the interrupt function.
The various microcomputers in the 4250 Group include variations
of the built-in memory type as shown in the table below.
FEATURES
• Minimum instruction execution time ............................. 1.0
µs
(at 4.0 MHz system clock frequency, VDD=4.5 V to 5.5 V)
• Supply voltage
4.5 V to 5.5 V (at 4.0 MHz system clock frequency)
2.5 V to 5.5 V (at 1.0 MHz system clock frequency)
2.2 V to 5.5 V (at 1.0 MHz system clock frequency:
only for Mask ROM version)
• Timer
Timer 1 ................................ 8-bit timer with a reload register
• Interrupt ................................................................... 2 sources
• CR oscillation circuit (Capacitor and Resistor connected
externally)
• Logic operation instruction
• RAM back-up function
• Key-on wakeup function (ports G and S, INT pin)
APPLICATION
Electric household appliances, consumer electronics products
(mouse, etc.)
MITSUBISHI MICROCOMPUTERS
4250 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com