Electronic Components Datasheet Search
  English  ▼

X  

4250 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 4250
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 9Page - Renesas Technology Corp 4250 Datasheet HTML 10Page - Renesas Technology Corp 4250 Datasheet HTML 11Page - Renesas Technology Corp 4250 Datasheet HTML 12Page - Renesas Technology Corp 4250 Datasheet HTML 13Page - Renesas Technology Corp 4250 Datasheet HTML 14Page - Renesas Technology Corp 4250 Datasheet HTML 15Page - Renesas Technology Corp 4250 Datasheet HTML 16Page - Renesas Technology Corp 4250 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
12
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Fig. 5 Stack registers (SKs) structure
Fig. 6 Example of operation at subroutine call
SK0
SK1
SK2
SK3
(SP) = 0
(SP) = 1
(SP) = 2
(SP) = 3
Program counter (PC)
Executing RT
instruction
Executing BM
instruction
Stack pointer (SP) points “3” at reset or
returning from RAM back-up mode. It points “0”
by executing the first BM instruction, and the
contents of program counter is stored in SK0.
When the BM instruction is executed after four
stack registers are used ((SP) = 3), (SP) = 0
and the contents of SK0 is destroyed.
Returning to the BM instruction execution
address with the RT instruction, and the BM
instruction is equivalent to the NOP instruction.
(SP)
0
(SK0)
000116
(PC)
SUB1
Main program
000216 NOP
Address
000016 NOP
000116 BM SUB1
Subroutine
SUB1 :
NOP
RT
(PC)
(SK0)
(SP)
3
·
·
·
Note:
(5) Stack registers (SK
s) and stack pointer (SP)
Stack registers (SKs) are used to temporarily store the contents
of program counter (PC) just before branching until returning
to the original routine when;
• branching to an interrupt service routine (referred to as an
interrupt service routine),
• performing a subroutine call, or
• executing the table reference instruction (TABP p).
Stack registers (SKs) are four identical registers, so that
subroutines can be nested up to 4 levels. However, one of
stack registers is used respectively when using an interrupt
service routine and when executing a table reference
instruction. Accordingly, be careful not to over the stack when
performing these operations together. The contents of registers
SKs are destroyed when 4 levels are exceeded.
The register SK nesting level is pointed automatically by 2-bit
stack pointer (SP).
Figure 5 shows the stack registers (SKs) structure.
Figure 6 shows the example of operation at subroutine call.
(6) Interrupt stack register (SDP)
Interrupt stack register (SDP) is a 1-stage register. When an
interrupt occurs, this register (SDP) is used to temporarily store
the contents of data pointer, carry flag and skip flag just before
an interrupt until returning to the original routine.
Unlike the stack registers (SKs), this register (SDP) is not used
when executing the subroutine call instruction and the table
reference instruction.
(7) Skip flag
Skip flag controls skip decision for the conditional skip
instructions and continuous described skip instructions. When
an interrupt occurs, the contents of skip flag is stored
automatically in the interrupt stack register (SDP) and the skip
condition is retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com