Electronic Components Datasheet Search
  English  ▼

X  

4250 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 4250
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 11Page - Renesas Technology Corp 4250 Datasheet HTML 12Page - Renesas Technology Corp 4250 Datasheet HTML 13Page - Renesas Technology Corp 4250 Datasheet HTML 14Page - Renesas Technology Corp 4250 Datasheet HTML 15Page - Renesas Technology Corp 4250 Datasheet HTML 16Page - Renesas Technology Corp 4250 Datasheet HTML 17Page - Renesas Technology Corp 4250 Datasheet HTML 18Page - Renesas Technology Corp 4250 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
14
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Fig. 10 ROM map of M34250M2
Fig. 11 Page 1 (addresses 008016 to 00FF16) structure
Fig. 12 RAM map
A part of page 1 (addresses 008016 to 00FF16) is reserved for
interrupt addresses (Figure 11). When an interrupt occurs, the
address (interrupt address) corresponding to each interrupt is
set in the program counter, and the instruction at the interrupt
address is executed. When using an interrupt service routine,
write the instruction generating the branch to that routine at an
interrupt address.
Page 2 (addresses 010016 to 017F16) is the special page for
subroutine calls. Subroutines written in this page can be called
from any page with the 1-word instruction (BM). Subroutines
extending from page 2 to another page can also be called with
the BM instruction when it starts on page 2.
ROM pattern (bits 7 to 0) of all addresses can be used as data
areas with the TABP p instruction.
DATA MEMORY (RAM)
1 word of RAM is composed of 4 bits, but 1-bit manipulation
(with the SB j, RB j, and SZB j instructions) is enabled for the
entire memory area. A RAM address is specified by a data
pointer. The data pointer consists of registers X and Y. Set a
value to the data pointer certainly when executing an instruction
to access RAM.
Table 2 shows the RAM size. Figure 12 shows the RAM map.
Table 2 RAM size
Product
M34250M2
M34250E2
RAM size
64 words ! 4 bits (256 bits)
0
876
54321
Interrupt address page
000016
008016
017F16
Subroutine special page
007F16
00FF16
010016
07FF16
018016
Page 1
Page 2
Page 0
Page 3
Page 15
0
8765
4321
External interrupt address
Timer 1 interrupt address
008016
008216
00FF16
Register X
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
01
RAM 64 words ! 4 bits (256 bits)
23
64 words
PROGRAM MEMORY (ROM)
The program memory is a mask ROM. 1 word of ROM is
composed of 9 bits. ROM is separated every 128 words by the
unit of page (addresses 0 to 127). Table 1 shows the ROM size
and pages. Figure 10 shows the ROM map of M34250M2.
Table 1 ROM size and pages
Product
M34250M2
M34250E2
ROM size (! 9 bits)
2048 words
Pages
16 (0 to 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com