Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 34Page - Renesas Technology Corp 4501 Datasheet HTML 35Page - Renesas Technology Corp 4501 Datasheet HTML 36Page - Renesas Technology Corp 4501 Datasheet HTML 37Page - Renesas Technology Corp 4501 Datasheet HTML 38Page - Renesas Technology Corp 4501 Datasheet HTML 39Page - Renesas Technology Corp 4501 Datasheet HTML 40Page - Renesas Technology Corp 4501 Datasheet HTML 41Page - Renesas Technology Corp 4501 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 116 page
background image
Rev.3.01
2005.02.07
page 38 of 112
REJ03B0104-0301
4501 Group
Fig. 35 Structure of reset pin and its peripherals, and power-on reset operation
Name
D0, D1
D2/C, D3/K
P00, P01, P02, P03
P10, P11, P12/CNTR, P13/INT
P20/AIN0, P21/AIN1
Notes 1: Output latch is set to “1.”
2: Pull-up transistor is turned OFF.
Function
D0, D1
D2, D3
P00–P03
P10–P13
P20, P21
State
High-impedance (Note 1)
High-impedance (Notes 1, 2)
High-impedance (Notes 1, 2)
High-impedance (Notes 1, 2)
High-impedance (Notes 1, 2)
(1) Power-on reset
Reset can be automatically performed at power on (power-on re-
set) by the built-in power-on reset circuit. When the built-in
power-on reset circuit is used, the time for the supply voltage to
rise from 0 V to 2.0 V must be set to 100
µs or less. If the rising
time exceeds 100
µs, connect a capacitor between the RESET pin
and VSS at the shortest distance, and input “L” level to RESET pin
until the value of supply voltage reaches the minimum operating
voltage.
Table 14 Port state at reset
RESET pin
WEF
Watchdog reset signal
(Note 1)
Pull-up transistor
(Note 1)
Power-on reset circuit
Volgate drop detection circuit
VDD (Note 3)
100
µs or less
(Note 2)
Internal reset signal
Power-on
Reset released
Internal reset signal
Reset
state
Notes 1:
This symbol represents a parasitic diode.
2: Applied potential to RESET pin must be VDD or less.
3: Keep the value of supply voltage to the minimum value
or more of the recommended operating conditions.
Power-on reset circuit output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com