| Electronic Components Datasheet Search |
|
4501 Datasheet(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4501 Datasheet(HTML) 20 Page - Renesas Technology Corp |
|
20 / 116 page ![]() Rev.3.01 2005.02.07 page 20 of 112 REJ03B0104-0301 4501 Group (6) Interrupt control registers • Interrupt control register V1 Interrupt enable bits of external 0, timer 1 and timer 2 are as- signed to register V1. Set the contents of this register through register A with the TV1A instruction. The TAV1 instruction can be used to transfer the contents of register V1 to register A. • Interrupt control register V2 The A/D interrupt enable bit is assigned to register V2. Set the contents of this register through register A with the TV2A instruc- tion. The TAV2 instruction can be used to transfer the contents of register V2 to register A. Table 6 Interrupt control registers V13 V12 V11 V10 V23 V22 V21 V20 Not used A/D interrupt enable bit Not used Not used Interrupt control register V1 Timer 2 interrupt enable bit Timer 1 interrupt enable bit Not used External 0 interrupt enable bit Notes 1: “R” represents read enabled, and “W” represents write enabled. 2: These instructions are equivalent to the NOP instrucion. Interrupt disabled (SNZT2 instruction is valid) Interrupt enabled (SNZT2 instruction is invalid) (Note 2) Interrupt disabled (SNZT1 instruction is valid) Interrupt enabled (SNZT1 instruction is invalid) (Note 2) This bit has no function, but read/write is enabled. Interrupt disabled (SNZ0 instruction is valid) Interrupt enabled (SNZ0 instruction is invalid) (Note 2) This bit has no function, but read/write is enabled. Interrupt disabled (SNZAD instruction is valid) Interrupt enabled (SNZAD instruction is invalid) (Note 2) This bit has no function, but read/write is enabled. This bit has no function, but read/write is enabled. 0 1 0 1 0 1 0 1 R/W at RAM back-up : 00002 at reset : 00002 R/W at RAM back-up : 00002 at reset : 00002 Interrupt control register V2 R/W at RAM back-up : 00002 at reset : 00002 0 1 0 1 0 1 0 1 (7) Interrupt sequence Interrupts only occur when the respective INTE flag, interrupt en- able bits (V10, V12, V13, V22), and interrupt request flag are “1.” The interrupt actually occurs 2 to 3 machine cycles after the cycle in which all three conditions are satisfied. The interrupt occurs after 3 machine cycles only when the three interrupt conditions are sat- isfied on execution of other than one-cycle instructions (Refer to Figure 16). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |