Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 88Page - Renesas Technology Corp 4501 Datasheet HTML 89Page - Renesas Technology Corp 4501 Datasheet HTML 90Page - Renesas Technology Corp 4501 Datasheet HTML 91Page - Renesas Technology Corp 4501 Datasheet HTML 92Page - Renesas Technology Corp 4501 Datasheet HTML 93Page - Renesas Technology Corp 4501 Datasheet HTML 94Page - Renesas Technology Corp 4501 Datasheet HTML 95Page - Renesas Technology Corp 4501 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 116 page
background image
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
Rev.3.01
2005.02.07
page 92 of 112
REJ03B0104-0301
4501 Group
Note : p is 0 to 15 for M34501M2, p is 0 to 31 for M34501M4/E4.
MACHINE INSTRUCTIONS (INDEX BY TYPES) (continued)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
07 n
08 p
+p
00 A
00 B
06 n
01 8
01 9
00 7
00 6
02 F
01 C
01 D
05 C
+j
04 C
+j
02 j
02 6
02 5
07 n
000111nnnn
00100p4
p3
p2
p1
p0
0000001010
0000001011
000110nnnn
0000011000
0000011001
0000000111
0000000110
0000101111
0000011100
0000011101
00010111j
j
00010011j
j
00001000j
j
0000100110
0000100101
000111nnnn
LA n
TABP p
AM
AMC
A n
AND
OR
SC
RC
SZC
CMA
RAR
SB j
RB j
SZB j
SEAM
SEA n
1
3
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
(A)
← n
n = 0 to 15
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p (Note)
(PCL)
← (DR2–DR0, A3–A0)
(B)
← (ROM(PC))7–4
(A)
← (ROM(PC))3–0
(PC)
← (SK(SP))
(SP)
← (SP) – 1
(A)
← (A) + (M(DP))
(A)
← (A) + (M(DP)) +(CY)
(CY)
← Carry
(A)
← (A) + n
n = 0 to 15
(A)
← (A) AND (M(DP))
(A)
← (A) OR (M(DP))
(CY)
← 1
(CY)
← 0
(CY) = 0 ?
(A)
← (A)
→ CY → A3A2A1A0
(Mj(DP))
← 1
j = 0 to 3
(Mj(DP))
← 0
j = 0 to 3
(Mj(DP)) = 0 ?
j = 0 to 3
(A) = (M(DP)) ?
(A) = n ?
n = 0 to 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com