Electronic Components Datasheet Search
  English  ▼

X  

4507 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 4507
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4507 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 4507 Datasheet HTML 45Page - Renesas Technology Corp 4507 Datasheet HTML 46Page - Renesas Technology Corp 4507 Datasheet HTML 47Page - Renesas Technology Corp 4507 Datasheet HTML 48Page - Renesas Technology Corp 4507 Datasheet HTML 49Page - Renesas Technology Corp 4507 Datasheet HTML 50Page - Renesas Technology Corp 4507 Datasheet HTML 51Page - Renesas Technology Corp 4507 Datasheet HTML 52Page - Renesas Technology Corp 4507 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 115 page
background image
4507 Group
Rev.3.01
2005.02.04
page 49 of 111
REJ03B0107-0301
Fig. 51 Analog input external circuit example-1
Fig. 52 Analog input external circuit example-2
Notes for the use of A/D conversion 2
Do not change the operating mode (both A/D conversion mode
and comparator mode) of A/D converter with the bit 3 of register
Q1 while the A/D converter is operating.
When the operating mode of A/D converter is changed from the
comparator mode to A/D conversion mode with the bit 3 of regis-
ter Q1, note the following;
• Clear the bit 2 of register V2 to “0” (refer to Figure 50➀) to
change the operating mode of the A/D converter from the com-
parator mode to A/D conversion mode with the bit 3 of register
Q1.
• The A/D conversion completion flag (ADF) may be set when the
operating mode of the A/D converter is changed from the com-
parator mode to the A/D conversion mode. Accordingly, set a
value to the bit 3 of register Q1, and execute the SNZAD instruc-
tion to clear the ADF flag.
LA
8
; (✕0✕✕2)
TV2A
; The SNZAD instruction is valid ........ ➀
LA
0
; (0✕✕✕2)
TQ1A
; Operation mode of A/D converter is
changed from comparator mode to A/D
conversion mode.
SNZAD
NOP
✕ : this bit is not related to change the operation
mode of A/D converter.
Fig. 50 External 0 interrupt program example-3
17
Notes for the use of A/D conversion 3
Each analog input pin is equipped with a capacitor which is used
to compare the analog voltage. Accordingly, when the analog
voltage is input from the circuit with high-impedance and, charge/
discharge noise is generated and the sufficient A/D accuracy
may not be obtained. Therefore, reduce the impedance or, con-
nect a capacitor (0.01
µF to 1 µF) to analog input pins (Figure
51).
When the overvoltage applied to the A/D conversion circuit may
occur, connect an external circuit in order to keep the voltage
within the rated range as shown the Figure 52. In addition, test
the application products sufficiently.
Sensor
AIN
Apply the voltage withiin the specifications
to an analog input pin.
Sensor
AIN
About 1k
Ω
Notes for the use of A/D conversion 1
Note the following when using the analog input pins also for ports
P2 and P3 functions:
• Selection of analog input pins
Even when P20/AIN0, P21/AIN1, P30/AIN2, P31/AIN3 are set to pins
for analog input, they continue to function as ports P2 and P3 in-
put/output. Accordingly, when any of them are used as I/O port
and others are used as analog input pins, make sure to set the
outputs of pins that are set for analog input to “1.” Also, the port
input function of the pin functions as an analog input is unde-
fined.
• TALA instruction
When the TALA instruction is executed, the low-order 2 bits of
register AD is transferred to the high-order 2 bits of register A, si-
multaneously, the low-order 2 bits of register A is “0.”
16
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com