Electronic Components Datasheet Search
  English  ▼

X  

4507 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 4507
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4507 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 4507 Datasheet HTML 11Page - Renesas Technology Corp 4507 Datasheet HTML 12Page - Renesas Technology Corp 4507 Datasheet HTML 13Page - Renesas Technology Corp 4507 Datasheet HTML 14Page - Renesas Technology Corp 4507 Datasheet HTML 15Page - Renesas Technology Corp 4507 Datasheet HTML 16Page - Renesas Technology Corp 4507 Datasheet HTML 17Page - Renesas Technology Corp 4507 Datasheet HTML 18Page - Renesas Technology Corp 4507 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 115 page
background image
4507 Group
Rev.3.01
2005.02.04
page 15 of 111
REJ03B0107-0301
PROGRAM MEMOY (ROM)
The program memory is a mask ROM. 1 word of ROM is composed
of 10 bits. ROM is separated every 128 words by the unit of page
(addresses 0 to 127). Table 1 shows the ROM size and pages. Fig-
ure 10 shows the ROM map of M34507M4.
Table 1 ROM size and pages
Part number
M34507M2
M34507M4
M34507E4
ROM (PROM) size
(✕ 10 bits)
2048 words
4096 words
4096 words
Pages
16 (0 to 15)
32 (0 to 31)
32 (0 to 31)
A part of page 1 (addresses 008016 to 00FF16) is reserved for in-
terrupt addresses (Figure 11). When an interrupt occurs, the
address (interrupt address) corresponding to each interrupt is set
in the program counter, and the instruction at the interrupt address
is executed. When using an interrupt service routine, write the in-
struction generating the branch to that routine at an interrupt
address.
Page 2 (addresses 010016 to 017F16) is the special page for sub-
routine calls. Subroutines written in this page can be called from
any page with the 1-word instruction (BM). Subroutines extending
from page 2 to another page can also be called with the BM in-
struction when it starts on page 2.
ROM pattern (bits 7 to 0) of all addresses can be used as data ar-
eas with the TABP p instruction.
Fig. 10 ROM map of M34507M4/M34507E4
Fig. 11 Page 1 (addresses 008016 to 00FF16) structure
0
876
543
2
1
000016
008016
017F16
Subroutine special page
007F16
00FF16
010016
018016
Page 1
Page 2
Page 0
Page 3
Page 31
0FFF16
Interrupt address page
9
90
8
765
432
1
External 0 interrupt address
008016
008216
Timer 1 interrupt address
008416
Timer 2 interrupt address
008616
008816
008A16
00FF16
A/D interrupt address
008C16
008E16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com