| Electronic Components Datasheet Search |
|
4507 Datasheet(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4507 Datasheet(HTML) 28 Page - Renesas Technology Corp |
|
28 / 115 page ![]() Rev.3.01 2005.02.04 page 28 of 111 REJ03B0107-0301 4507 Group Fig. 23 Count timing diagram at CNTR input (8) Timer input/output pin (P12/CNTR pin) CNTR pin is used to input the timer 2 count source and output the timer 1 and timer 2 underflow signal divided by 2. The P12/CNTR pin function can be selected by bit 0 of register W6. The CNTR output signal can be selected by bit 1 of register W6. When the CNTR input is selected for timer 2 count source, timer 2 counts the falling waveform of CNTR input. (9) Precautions Note the following for the use of timers. •Prescaler Stop the prescaler operation to change its frequency dividing ratio. •Count source Stop timer 1 or 2 counting to change its count source. •Reading the count value Stop timer 1 or 2 counting and then execute the TAB1 or TAB2 in- struction to read its data. •Writing to the timer Stop timer 1 or 2 counting and then execute the T1AB or T2AB in- struction to write its data. •Writing to reload register R1 When writing data to reload register R1 while timer 1 is operating, avoid a timing when timer 1 underflows. 0316 0216 0116 0016 FF16 FE16 CNTR input Timer 2 count Timer 2 interrupt request flag (T2F) (Note) Note: This is an example when “FF16” is set to timer 2 reload register R2L. • Timer 1 and timer 2 count start timing and count time when op- eration starts Count starts from the first rising edge of the count source (2) af- ter timer 1 and timer 2 operations start (1). Time to first underflow (3) is shorter (for up to 1 period of the count source) than time among next underflow (4) by the timing to start the timer and count source operations after count starts. When selecting CNTR input as the count source of timer 2, timer 2 operates synchronizing with the falling edge of CNTR input. Fig. 24 Timer count start timing and count time when opera- tion starts (T1, T2) (1) Timer Count Source Timer Value Timer Underflow Signal 3 21 032 103 2 Count Source (CNTR input) (2) (3) (4) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |