Electronic Components Datasheet Search
  English  ▼

X  

4507 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 4507
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4507 Datasheet(HTML) 1 Page - Renesas Technology Corp

  4507 Datasheet HTML 1Page - Renesas Technology Corp 4507 Datasheet HTML 2Page - Renesas Technology Corp 4507 Datasheet HTML 3Page - Renesas Technology Corp 4507 Datasheet HTML 4Page - Renesas Technology Corp 4507 Datasheet HTML 5Page - Renesas Technology Corp 4507 Datasheet HTML 6Page - Renesas Technology Corp 4507 Datasheet HTML 7Page - Renesas Technology Corp 4507 Datasheet HTML 8Page - Renesas Technology Corp 4507 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
PIN CONFIGURATION
Pin configuration (top view) (4507 Group)
17
18
21
20
22
19
23
24
16
15
14
13
VDD
P10
P11
P12/CNTR
P13/INT
P03
P02
P01
P00
VSS
D4
D5
XIN
XOUT
CNVSS
P21/AIN1
P20/AIN0
RESET
D2/C
D3/K
D1
D0
P31/AIN3
P30/AIN2
Outline PRSP0024GA-A (24P2Q-A)
8
7
4
5
3
6
2
1
9
10
11
12
DESCRIPTION
The 4507 Group is a 4-bit single-chip microcomputer designed with
CMOS technology. Its CPU is that of the 4500 series using a
simple, high-speed instruction set. The computer is equipped with
two 8-bit timers (each timer has a reload register), interrupts, and
10-bit A/D converter.
The various microcomputers in the 4507 Group include variations
of the built-in memory size as shown in the table below.
FEATURES
qMinimum instruction execution time ................................ 0.68
µs
(at 4.4 MHz oscillation frequency, in high-speed mode)
qSupply voltage .......................................................... 2.0 V to 5.5 V
(It depends on the oscillation frequency and operating mode.)
Part number
M34507M2-XXXFP
M34507M4-XXXFP
M34507E4FP (Note)
ROM type
Mask ROM
Mask ROM
One Time PROM
Package
PRSP0024GA-A
PRSP0024GA-A
PRSP0024GA-A
RAM size
(✕ 4 bits)
128 words
256 words
256 words
ROM (PROM) size
(✕ 10 bits)
2048 words
4096 words
4096 words
qTimers
Timer 1 ...................................... 8-bit timer with a reload register
Timer 2 ...................................... 8-bit timer with a reload register
qInterrupt ........................................................................ 4 sources
qKey-on wakeup function pins ................................................... 12
qInput/Output port ...................................................................... 18
qA/D converter .................. 10-bit successive comparison method
qWatchdog timer
qClock generating circuit (ceramic resonator/RC oscillation)
qLED drive directly enabled (port D)
APPLICATION
Electrical household appliance, consumer electronic products, of-
fice automation equipment, etc.
Note: Shipped in blank.
Rev.3.01
2005.02.04
page 1 of 111
REJ03B0107-0301
4507 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
REJ03B0107-0301
Rev.3.01
2005.02.04


Similar Part No. - 4507

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4507 WELWYN-4507 Datasheet
130Kb / 2P
HIGH VOLTAGE PLANAR RESISTORS
logo
Renesas Technology Corp
4507 RENESAS-4507 Datasheet
3Mb / 216P
4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
logo
TT Electronics.
4507 TTELEC-4507 Datasheet
432Kb / 3P
customs design service available
4507 TTELEC-4507 Datasheet
449Kb / 3P
High Voltage Planar Resistors
logo
Heyco.
4507 HEYCO-4507 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
More results

Similar Description - 4507

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com