Electronic Components Datasheet Search
  English  ▼

X  

M37221FP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M37221FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37221FP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M37221FP Datasheet HTML 35Page - Renesas Technology Corp M37221FP Datasheet HTML 36Page - Renesas Technology Corp M37221FP Datasheet HTML 37Page - Renesas Technology Corp M37221FP Datasheet HTML 38Page - Renesas Technology Corp M37221FP Datasheet HTML 39Page - Renesas Technology Corp M37221FP Datasheet HTML 40Page - Renesas Technology Corp M37221FP Datasheet HTML 41Page - Renesas Technology Corp M37221FP Datasheet HTML 42Page - Renesas Technology Corp M37221FP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
M37221M4H/M6H/M8H/MAH–XXXSP/FP M37221EASP/FP
Rev.1.00
Oct 01, 2002
page 39 of 110
REJ03B0134-0100Z
8.6.6 START Condition Generation Method
When the ESO bit of the I2C control register (address 00DA16) is “1,”
execute a write instruction to the I2C status register (address 00D916)
to set the MST, TRX and BB bits to “1.” A START condition will then
be generated. After that, the bit counter becomes “0002” and an SCL
is output for 1 byte . The START condition generation timing and BB
bit set timing are different in the standard clock mode and the high-
speed clock mode. Refer to Figure 8.6.9 for the START condition
generation timing diagram, and Table 8.6.2 for the START condition/
STOP condition generation timing table.
Fig. 8.6.9 START Condition Generation Timing Diagram
I2C statusregiste
write signal
Set time for
BB flag
Hold time
Setup
time
SCL
SDA
BB flag
Setup
time
8.6.7 STOP Condition Generation Method
When the ESO bit of the I2C control register (address 00DA16) is “1,”
execute a write instruction to the I2C status register (address 00D916)
to set the MST bit and the TRX bit to “1” and the BB bit to “0”. A STOP
condition will then be generated. The STOP condition generation tim-
ing and the BB flag reset timing are different in the standard clock
mode and the high-speed clock mode. Refer to Figure 8.6.10 for the
STOP condition generation timing diagram, and Table 8.6.2 for the
START condition/STOP condition generation timing table.
Fig. 8.6.10 STOP Condition Generation Timing Diagram
Table 8.6.2 START Condition/STOP Condition Generation Tim-
ing Table
Item
Setup time
(START condition)
Setup time
(STOP condition)
Hold time
Set/reset time
for BB flag
Standard Clock Mode
5.0 µs (20 cycles)
4.25 µs (17 cycles)
5.0 µs (20 cycles)
3.0 µs (12 cycles)
High-speed Clock Mode
2.5 µs (10 cycles)
1.75 µs (7 cycles)
2.5 µs (10 cycles)
1.5 µs (6 cycles)
Note: Absolute time at φ = 4 MHz. The value in parentheses denotes the
number of φ cycles.
I2Cstatus register
write signal
Hold time
Setup
time
SCL
SDA
BB flag
BB flag
Reset time for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com