Electronic Components Datasheet Search
  English  ▼

X  

M37221FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M37221FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37221FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M37221FP Datasheet HTML 1Page - Renesas Technology Corp M37221FP Datasheet HTML 2Page - Renesas Technology Corp M37221FP Datasheet HTML 3Page - Renesas Technology Corp M37221FP Datasheet HTML 4Page - Renesas Technology Corp M37221FP Datasheet HTML 5Page - Renesas Technology Corp M37221FP Datasheet HTML 6Page - Renesas Technology Corp M37221FP Datasheet HTML 7Page - Renesas Technology Corp M37221FP Datasheet HTML 8Page - Renesas Technology Corp M37221FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 112 page
background image
M37221M4H/M6H/M8H/MAH–XXXSP/FP M37221EASP/FP
Rev.1.00
Oct 01, 2002
page 3 of 110
REJ03B0134-0100Z
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
P06/INT2/A-D4
XOUT
HSYNC
VSYNC
P00/PWM0
P01/PWM1
P02/PWM2
P03/PWM3
P04/PWM4
P05/PWM5
P07/INT1
P23/TIM3
P24/TIM2
P25
P26
P27
D-A
P32
CNVSS
XIN
VSS
P52/R
P53/G
P54/B
P55/OUT1
P20/SCLK
P21/SOUT
P22/SIN
P10/OUT2
P11/SCL1
P12/SCL2
P13/SDA1
P14/SDA2
P15/A-D1/INT3
P16/A-D2
P30/A-D5
P31/A-D6
RESET
OSC1/P33
OSC2/P34
VCC
P17/A-D3
4. PIN CONFIGURATION
Outline 42P4B
Fig. 4.1 Pin Configuration (1) (Top View)
Outline 42P2R-A/E
Fig. 4.2 Pin Configuration (2) (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
XOUT
P00/PWM0
P01/PWM1
P02/PWM2
P03/PWM3
P04/PWM4
CNVSS
XIN
VSS
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
22
P52/R
P53/G
P54/B
P55/OUT1
P20/SCLK
P21/SOUT
P22/SIN
P10/OUT2
P11/SCL1
P26
P27
D-A
P32
OSC1/P33
OSC2/P34
P50/HSYNC
P51/VSYNC
P05/PWM5
P06/INT2/A-D4
P07/INT1
P23/TIM3
P24/TIM2
P25
P16/A-D2
P17/A-D3
P30/A-D5
P31/A-D6
RESET
VCC
23
P15/A-D1/INT3
P14/SDA2
P13/SDA1
P12/SCL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com