Electronic Components Datasheet Search
  English  ▼

X  

M37221FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M37221FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37221FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M37221FP Datasheet HTML 15Page - Renesas Technology Corp M37221FP Datasheet HTML 16Page - Renesas Technology Corp M37221FP Datasheet HTML 17Page - Renesas Technology Corp M37221FP Datasheet HTML 18Page - Renesas Technology Corp M37221FP Datasheet HTML 19Page - Renesas Technology Corp M37221FP Datasheet HTML 20Page - Renesas Technology Corp M37221FP Datasheet HTML 21Page - Renesas Technology Corp M37221FP Datasheet HTML 22Page - Renesas Technology Corp M37221FP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
M37221M4H/M6H/M8H/MAH–XXXSP/FP M37221EASP/FP
Rev.1.00
Oct 01, 2002
page 19 of 110
REJ03B0134-0100Z
Priority
1
2
3
4
5
6
7
8
9
10
11
12
13
14
8.3 INTERRUPTS
Interrupts can be caused by 14 different sources comprising 4 exter-
nal, 8 internal, 1 software, and 1 reset interrupts. Interrupts are vec-
tored interrupts with priorities as shown in Table 8.3.1. Reset is also
included in the table as its operation is similar to an interrupt.
When an interrupt is accepted,
① The contents of the program counter and processor status regis-
ter are automatically stored into the stack.
➁ The interrupt disable flag I is set to “1” and the corresponding
interrupt request bit is set to “0.”
➂ The jump destination address stored in the vector address enters
the program counter.
Other interrupts are disabled when the interrupt disable flag is set to
“1.”
All interrupts except the BRK instruction interrupt have an interrupt
request bit and an interrupt enable bit. The interrupt request bits are
in Interrupt Request Registers 1 and 2 and the interrupt enable bits
are in Interrupt Control Registers 1 and 2. Figures 8.3.2 to 8.3.6 show
the interrupt-related registers.
Interrupts other than the BRK instruction interrupt and reset are ac-
cepted when the interrupt enable bit is “1,” interrupt request bit is "1,"
and the interrupt disable flag is “0.”
The interrupt request bit can be set to "0" by a program, but not set to
"1." The interrupt enable bit can be set to “0” and “1” by a program.
Reset is treated as a non-maskable interrupt with the highest priority.
Figure 8.3.1 shows interrupt controls.
8.3.1 Interrupt Causes
(1) VSYNC, OSD interrupts
The VSYNC interrupt is an interrupt request synchronized with
the vertical sync signal.
The OSD interrupt occurs after character block display to the
CRT is completed.
(2) INT1 to INT3 external interrupts
The INT1 to INT3 interrupts are external interrupt inputs, the sys-
tem detects that the level of a pin changes from LOW to HIGH or
from HIGH to LOW, and generates an interrupt request. The in-
put active edge can be selected by bits 3 to 5 of the interrupt
input polarity register (address 00F916) : when this bit is “0,” a
change from LOW to HIGH is detected; when it is “1,” a change
from HIGH to LOW is detected. Note that both bits are cleared to
“0” at reset.
(3) Timers 1 to 4 interrupts
An interrupt is generated by an overflow of timers 1 to 4.
Vector Addresses
FFFF16, FFFE16
FFFD16, FFFC16
FFFB16, FFFA16
FFF916, FFF816
FFF516, FFF416
FFF316, FFF216
FFF116, FFF016
FFEF16, FFEE16
FFED16, FFEC16
FFEB16, FFEA16
FFE916, FFE816
FFE716, FFE616
FFE516, FFE416
FFDF16, FFDE16
Interrupt Source
Reset
OSD interrupt
INT2 external interrupt
INT1 external interrupt
Timer 4 interrupt
f(XIN)/4096 interrupt
VSYNC interrupt
Timer 3 interrupt
Timer 2 interrupt
Timer 1 interrupt
Serial I/O interrupt
Multi-master I2C-BUS interface interrupt
INT3 external interrupt
BRK instruction interrupt
Remarks
Non-maskable
Active edge selectable
Active edge selectable
Active edge selectable
Non-maskable
Table 8.3.1 Interrupt Vector Addresses and Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com