Electronic Components Datasheet Search
  English  ▼

X  

M37221FP Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # M37221FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37221FP Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button M37221FP Datasheet HTML 58Page - Renesas Technology Corp M37221FP Datasheet HTML 59Page - Renesas Technology Corp M37221FP Datasheet HTML 60Page - Renesas Technology Corp M37221FP Datasheet HTML 61Page - Renesas Technology Corp M37221FP Datasheet HTML 62Page - Renesas Technology Corp M37221FP Datasheet HTML 63Page - Renesas Technology Corp M37221FP Datasheet HTML 64Page - Renesas Technology Corp M37221FP Datasheet HTML 65Page - Renesas Technology Corp M37221FP Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
M37221M4H/M6H/M8H/MAH–XXXSP/FP M37221EASP/FP
Rev.1.00
Oct 01, 2002
page 62 of 110
REJ03B0134-0100Z
Fig. 8.11.8 Character Size Register
8.11.2 Character Size
The size of characters to be displayed can be from 3 sizes for each
block. Use the character size register (address 00E416) to set a char-
acter size. The character size of block 1 can be specified by using
bits 0 and 1 of the character size register; the character size of block
2 can be specified by using bits 2 and 3. Figure 8.11.8 shows the
character size register.
The character size can be selected from 3 sizes: minimum size, me-
dium size and large size. Each character size is determined by the
number of scanning lines in the height (vertical) direction and the
oscillating cycle for display (TC) in the width (horizontal) direction.
The minimum size consists of [1 scanning line] ✕ [1TC]; the medium
size consists of [2 scanning lines] ✕ [2TC]; and the large size con-
sists of [3 scanning lines] ✕ [3TC]. Table 8.11.2 shows the relation
between the set values in the character size register and the charac-
ter sizes.
b7 b6 b5 b4 b3 b2 b1 b0
Character size register (CS) [Address 00E416]
B
Name
Functions
After reset
R W
Character Size Register
0, 1 Character size of block 1
selection bits
(CS10, CS11)
00 : Minimum size
01 : Medium size
10 : Large size
11 : Do not set.
Indeterminate
2,3
4
to
7
0
Character size of block
2selection bits
(CS20,CS21)
00 : Minimum size
01 : Medium size
10 : Large size
11 : Do not set.
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
Indeterminate
R W
R W
R —



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com