Electronic Components Datasheet Search
  English  ▼

X  

2SC5631 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5631
Description  Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5631 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5631 Datasheet HTML 2Page - Renesas Technology Corp 2SC5631 Datasheet HTML 3Page - Renesas Technology Corp 2SC5631 Datasheet HTML 4Page - Renesas Technology Corp 2SC5631 Datasheet HTML 5Page - Renesas Technology Corp 2SC5631 Datasheet HTML 6Page - Renesas Technology Corp 2SC5631 Datasheet HTML 7Page - Renesas Technology Corp 2SC5631 Datasheet HTML 8Page - Renesas Technology Corp 2SC5631 Datasheet HTML 9Page - Renesas Technology Corp 2SC5631 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC5631
Rev.3.00, Oct.20.2003, page 6 of 9
10
5
4
3
2
1.5
1
.8
−2
−3
−4
−5
−10
.6
.4
.2
0
−.2
−.4
−.6
−.8
−1
−1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 6 / div.
0
30
60
90
120
150
180
−150
−90
−60
−30
−120
Scale: 0.1 / div.
0
30
60
90
120
150
180
−150
−90
−60
−30
−120
10
5
4
3
2
1.5
1
.8
−2
−3
−4
−5
−10
.6
.4
.2
0
−.2
−.4
−.6
−.8
−1
−1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Condition :
100 to 2000 MHz (100 MHz step)
VCE = 5 V , IC = 50 mA
Condition :
100 to 2000 MHz (100 MHz step)
Condition :
100 to 2000 MHz (100 MHz step)
Condition :
100 to 2000 MHz (100 MHz step)
S11 Parameter vs. Frequency
S21 Paramter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
VCE = 5 V , IC = 50 mA
VCE = 5 V , IC = 50 mA
VCE = 5 V , IC = 50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com