Electronic Components Datasheet Search
  English  ▼

X  

2SC5631 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5631
Description  Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5631 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5631 Datasheet HTML 2Page - Renesas Technology Corp 2SC5631 Datasheet HTML 3Page - Renesas Technology Corp 2SC5631 Datasheet HTML 4Page - Renesas Technology Corp 2SC5631 Datasheet HTML 5Page - Renesas Technology Corp 2SC5631 Datasheet HTML 6Page - Renesas Technology Corp 2SC5631 Datasheet HTML 7Page - Renesas Technology Corp 2SC5631 Datasheet HTML 8Page - Renesas Technology Corp 2SC5631 Datasheet HTML 9Page - Renesas Technology Corp 2SC5631 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5631
Rev.3.00, Oct.20.2003, page 8 of 9
S parameter
(VCE = 5V, IC = 50 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.205
–123.9
28.04
110.8
0.0284
74.9
0.360
–69.1
200
0.193
–159.6
14.24
96.9
0.0547
78.2
0.197
–84.5
300
0.190
–177.1
9.44
90.2
0.0820
78.3
0.145
–92.5
400
0.193
169.9
7.09
85.3
0.109
77.5
0.123
–99.0
500
0.201
162.0
5.68
81.8
0.135
76.3
0.112
–104.1
600
0.206
153.7
4.76
78.4
0.162
74.6
0.107
–109.5
700
0.206
145.4
4.11
75.1
0.188
72.9
0.105
–113.7
800
0.221
139.0
3.62
72.2
0.213
71.3
0.105
–117.6
900
0.224
132.6
3.25
69.4
0.238
69.4
0.106
–121.8
1000
0.234
126.8
2.94
66.6
0.262
67.8
0.110
–125.4
1100
0.243
120.8
2.72
64.0
0.286
66.0
0.113
–128.7
1200
0.249
116.8
2.53
61.3
0.309
64.3
0.117
–132.0
1300
0.261
111.3
2.36
59.0
0.331
62.5
0.120
–135.5
1400
0.270
107.4
2.23
56.9
0.353
60.9
0.125
–138.7
1500
0.280
103.5
2.10
54.5
0.373
59.1
0.129
–142.0
1600
0.285
99.1
2.01
52.1
0.393
57.6
0.135
–144.9
1700
0.298
95.4
1.92
50.3
0.414
56.0
0.139
–148.1
1800
0.312
91.8
1.84
47.6
0.431
54.3
0.145
–151.3
1900
0.321
87.9
1.79
45.7
0.450
52.5
0.148
–154.5
2000
0.330
85.6
1.71
43.8
0.467
51.4
0.155
–157.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com