Electronic Components Datasheet Search
  English  ▼

X  

2SC5631 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5631
Description  Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5631 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5631 Datasheet HTML 2Page - Renesas Technology Corp 2SC5631 Datasheet HTML 3Page - Renesas Technology Corp 2SC5631 Datasheet HTML 4Page - Renesas Technology Corp 2SC5631 Datasheet HTML 5Page - Renesas Technology Corp 2SC5631 Datasheet HTML 6Page - Renesas Technology Corp 2SC5631 Datasheet HTML 7Page - Renesas Technology Corp 2SC5631 Datasheet HTML 8Page - Renesas Technology Corp 2SC5631 Datasheet HTML 9Page - Renesas Technology Corp 2SC5631 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5631
Rev.3.00, Oct.20.2003, page 7 of 9
S parameter
(VCE = 3V, IC = 50 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.234
–135.7
26.57
109.9
0.0299
75.5
0.353
–77.7
200
0.233
–165.2
13.47
96.1
0.0575
78.0
0.199
–99.6
300
0.234
179.3
8.92
89.7
0.0863
77.8
0.153
–112.5
400
0.238
170.1
6.70
84.9
0.114
76.9
0.135
–121.8
500
0.242
161.2
5.37
81.2
0.142
75.4
0.127
–128.3
600
0.249
153.9
4.52
77.8
0.169
73.9
0.124
–133.5
700
0.250
145.9
3.89
74.5
0.196
72.2
0.125
–138.0
800
0.259
140.4
3.43
71.4
0.223
70.4
0.126
–141.3
900
0.267
134.2
3.08
68.6
0.249
68.4
0.128
–145.0
1000
0.274
128.0
2.80
65.8
0.275
66.9
0.131
–147.7
1100
0.282
123.5
2.58
63.2
0.299
65.0
0.136
–150.3
1200
0.290
119.2
2.40
60.3
0.323
63.2
0.140
–153.0
1300
0.297
114.2
2.25
57.9
0.346
61.3
0.144
–155.6
1400
0.307
109.6
2.12
55.9
0.367
59.7
0.149
–158.1
1500
0.318
105.3
2.01
53.4
0.389
57.8
0.153
–160.5
1600
0.324
101.7
1.92
51.3
0.409
56.2
0.159
–162.7
1700
0.334
97.7
1.83
48.6
0.430
54.4
0.163
–165.1
1800
0.345
93.9
1.77
46.8
0.448
52.8
0.170
–167.9
1900
0.357
91.6
1.72
44.6
0.468
50.9
0.174
–170.2
2000
0.366
87.9
1.65
42.6
0.485
49.5
0.180
–172.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com