Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 7540
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 52Page - Renesas Technology Corp 7540 Datasheet HTML 53Page - Renesas Technology Corp 7540 Datasheet HTML 54Page - Renesas Technology Corp 7540 Datasheet HTML 55Page - Renesas Technology Corp 7540 Datasheet HTML 56Page - Renesas Technology Corp 7540 Datasheet HTML 57Page - Renesas Technology Corp 7540 Datasheet HTML 58Page - Renesas Technology Corp 7540 Datasheet HTML 59Page - Renesas Technology Corp 7540 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
7540 Group
Rev.4.00
Jun 21, 2004
page 56 of 82
REJ03B0011-0400Z
Electrical Characteristics (General purpose)(continued)
Table 12 Electrical characteristics (2) (VCC = 2.2 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.Typ.Max.
Symbol
Parameter
Limits
Unit
Test conditions
Power source
current
8.0
1.5
10.0
5.0
1000
3.2
450
1.0
10
6.5
1.2
8.0
5.0
900
3.2
450
1.0
10
mA
mA
mA
mA
µA
mA
mA
µA
mA
µA
µA
mA
mA
mA
mA
µA
mA
mA
µA
mA
µA
µA
ICC
5.0
0.5
6.0
2.0
350
1.6
0.2
150
0.5
0.1
3.5
0.4
4.5
2.0
300
1.6
0.2
150
0.5
0.1
High-speed mode, f(XIN) = 8 MHz
Output transistors “off”
High-speed mode, f(XIN) = 2 MHz, VCC = 2.2 V
Output transistors “off”
Double-speed mode, f(XIN) = 6 MHz
Output transistors “off”
Middle-speed mode, f(XIN) = 8 MHz
Output transistors “off”
On-chip oscillator operation mode, VCC = 5 V
Output transistors “off”
f(XIN) = 8 MHz (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
f(XIN) = 2 MHz, VCC = 2.2 V (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
On-chip oscillator operation mode, VCC = 5V
Output transistors “off”
Increment when A/D conversion is executed
f(XIN) = 8 MHz, VCC = 5 V
All oscillation stopped
(in STP state)
Output transistors “off”
High-speed mode, f(XIN) = 8 MHz
Output transistors “off”
High-speed mode, f(XIN) = 2 MHz, VCC = 2.2 V
Output transistors “off”
Double-speed mode, f(XIN) = 6 MHz
Output transistors “off”
Middle-speed mode, f(XIN) = 8 MHz
Output transistors “off”
On-chip oscillator operation mode, VCC = 5 V
Output transistors “off”
f(XIN) = 8 MHz (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
f(XIN) = 2 MHz, VCC = 2.2 V (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
On-chip oscillator operation mode, VCC = 5V
Output transistors “off”
Increment when A/D conversion is executed
f(XIN) = 8 MHz, VCC = 5 V
All oscillation stopped
(in STP state)
Output transistors “off”
One Time PROM
version
Mask ROM version
Ta = 25 °C
Ta = 85 °C
Ta = 25 °C
Ta = 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com