Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 7540
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 76Page - Renesas Technology Corp 7540 Datasheet HTML 77Page - Renesas Technology Corp 7540 Datasheet HTML 78Page - Renesas Technology Corp 7540 Datasheet HTML 79Page - Renesas Technology Corp 7540 Datasheet HTML 80Page - Renesas Technology Corp 7540 Datasheet HTML 81Page - Renesas Technology Corp 7540 Datasheet HTML 82Page - Renesas Technology Corp 7540 Datasheet HTML 83Page - Renesas Technology Corp 7540 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
7540 Group
Rev.4.00
Jun 21, 2004
page 80 of 82
REJ03B0011-0400Z
Fig. 57 Timing chart (Extended operating temperature 125 °C version)
0.2VCC
td(SCLK1-TxD1)
tf
0.2VCC
0.8VCC
0.8VCC
tr
tsu(RxD1-SCLK1)th(SCLK1-RxD1)
tv(SCLK1-TxD1)
tC(SCLK1)
tWL(SCLK1)
tWH(SCLK1)
RXD1 (at receive)
SCLK1
0.2VCC
tWL(XIN)
0.8VCC
tWH(XIN)
tC(XIN)
XIN
0.2VCC
0.8VCC
tW(RESET)
RESET
0.2VCC
tWL(CNTR0)
0.8VCC
tWH(CNTR0)
tC(CNTR0)
TXD1 (at transmit)
CNTR0
0.2VCC
tWL(CNTR0)
0.8VCC
tWH(CNTR0)
INT0, INT1
0.2VCC
tWL(CNTR1)
0.8VCC
tWH(CNTR1)
tC(CNTR1)
CNTR1
0.2VCC
td(SCLK2-SDATA2)
tf
0.2VCC
0.8VCC
0.8VCC
tr
tsu(SDATA2-SCLK2)th(SCLK2-SDATA2)
tv(SCLK2-SDATA2)
tC(SCLK2)
tWL(SCLK2)
tWH(SCLK2)
SDATA2 (at receive)
SCLK2
SDATA2 (at transmit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com