Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 7540
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 80Page - Renesas Technology Corp 7540 Datasheet HTML 81Page - Renesas Technology Corp 7540 Datasheet HTML 82Page - Renesas Technology Corp 7540 Datasheet HTML 83Page - Renesas Technology Corp 7540 Datasheet HTML 84Page - Renesas Technology Corp 7540 Datasheet HTML 85Page - Renesas Technology Corp 7540 Datasheet HTML 86Page - Renesas Technology Corp 7540 Datasheet HTML 87Page - Renesas Technology Corp 7540 Datasheet HTML 88Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
(4/5)
REVISION DESCRIPTION LIST
7540 Group DATA SHEET
Revision Description
Rev.
Rev.
No.
date
3.0
(continued)
020610
Page 52: Product name added, Table 8 Note revised.
Page 57: Table 13 Ladder resistor value revised, Layout revised.
Page 63: Product name added, Table 20 Note revised.
Page 67: Table 24 Characteristics for One Time PROM version added.
Mask ROM version; “VCC = 5 V” eliminated from the following Test condition.
f(XIN) = 6 MHz
f(XIN) = 8MHz, middle-speed mode
Page 68: Table 25 Ladder resistor value revised, Layout revised.
Page 72 to 80: Extended operating temperature 125 °C version added.
3.1
Page 57: Table 13, Page 68: Table 25 and Page 77: Table 35
020701
Error of the ladder resistor in A/D converter characteristics corrected.
As usual, (Rev.2.0 or before), the value is not changed from Typical 55 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com