Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 7540
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 65Page - Renesas Technology Corp 7540 Datasheet HTML 66Page - Renesas Technology Corp 7540 Datasheet HTML 67Page - Renesas Technology Corp 7540 Datasheet HTML 68Page - Renesas Technology Corp 7540 Datasheet HTML 69Page - Renesas Technology Corp 7540 Datasheet HTML 70Page - Renesas Technology Corp 7540 Datasheet HTML 71Page - Renesas Technology Corp 7540 Datasheet HTML 72Page - Renesas Technology Corp 7540 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
7540 Group
Rev.4.00
Jun 21, 2004
page 69 of 82
REJ03B0011-0400Z
Timing Requirements (Extended operating temperature version)
Table 26 Timing requirements (1) (VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –40 to 85 °C, unless otherwise noted)
Min.
Typ.Max.
Symbol
Parameter
Limits
Unit
Reset input “L” pulse width
External clock input cycle time
External clock input “H” pulse width
External clock input “L” pulse width
CNTR0 input cycle time
CNTR0, INT0, INT1, input “H” pulse width
CNTR0, INT0, INT1, input “L” pulse width
CNTR1 input cycle time
CNTR1 input “H” pulse width
CNTR1 input “L” pulse width
Serial I/O1 clock input cycle time (Note)
Serial I/O1 clock input “H” pulse width (Note)
Serial I/O1 clock input “L” pulse width (Note)
Serial I/O1 input set up time
Serial I/O1 input hold time
Serial I/O2 clock input cycle time
Serial I/O2 clock input “H” pulse width
Serial I/O2 clock input “L” pulse width
Serial I/O2 input set up time
Serial I/O2 input hold time
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(CNTR0)
tWH(CNTR0)
tWL(CNTR0)
tC(CNTR1)
tWH(CNTR1)
tWL(CNTR1)
tC(SCLK1)
tWH(SCLK1)
tWL(SCLK1)
tsu(RxD1–SCLK1)
th(SCLK1–RxD1)
tC(SCLK2)
tWH(SCLK2)
tWL(SCLK2)
tsu(SDATA2–SCLK2)
th(SCLK2–SDATA2)
2
125
50
50
200
80
80
2000
800
800
800
370
370
220
100
1000
400
400
200
200
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Note: In this time, bit 6 of the serial I/O1 control register (address 001A16) is set to “1” (clock synchronous serial I/O1 is selected).
When bit 6 of the serial I/O1 control register is “0” (clock asynchronous serial I/O1 is selected), the rating values are divided by 4.
Table 27 Timing requirements (2) (VCC = 2.4 to 5.5 V, VSS = 0 V, Ta = –40 to 85 °C, unless otherwise noted)
Min.Typ.Max.
Symbol
Parameter
Limits
Unit
Reset input “L” pulse width
External clock input cycle time
External clock input “H” pulse width
External clock input “L” pulse width
CNTR0 input cycle time
CNTR0, INT0, INT1, input “H” pulse width
CNTR0, INT0, INT1, input “L” pulse width
CNTR1 input cycle time
CNTR1 input “H” pulse width
CNTR1 input “L” pulse width
Serial I/O1 clock input cycle time (Note)
Serial I/O1 clock input “H” pulse width (Note)
Serial I/O1 clock input “L” pulse width (Note)
Serial I/O1 input set up time
Serial I/O1 input hold time
Serial I/O2 clock input cycle time
Serial I/O2 clock input “H” pulse width
Serial I/O2 clock input “L” pulse width
Serial I/O2 input set up time
Serial I/O2 input hold time
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(CNTR0)
tWH(CNTR0)
tWL(CNTR0)
tC(CNTR1)
tWH(CNTR1)
tWL(CNTR1)
tC(SCLK1)
tWH(SCLK1)
tWL(SCLK1)
tsu(RxD1–SCLK1)
th(SCLK1–RxD1)
tC(SCLK2)
tWH(SCLK2)
tWL(SCLK2)
tsu(SDATA2–SCLK2)
th(SCLK2–SDATA2)
2
250
100
100
500
230
230
4000
1600
1600
2000
950
950
400
200
2000
950
950
400
400
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Note: In this time, bit 6 of the serial I/O1 control register (address 001A16) is set to “1” (clock synchronous serial I/O1 is selected).
When bit 6 of the serial I/O1 control register is “0” (clock asynchronous serial I/O1 is selected), the rating values are divided by 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com