Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 7630
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 35Page - Renesas Technology Corp 7630 Datasheet HTML 36Page - Renesas Technology Corp 7630 Datasheet HTML 37Page - Renesas Technology Corp 7630 Datasheet HTML 38Page - Renesas Technology Corp 7630 Datasheet HTML 39Page - Renesas Technology Corp 7630 Datasheet HTML 40Page - Renesas Technology Corp 7630 Datasheet HTML 41Page - Renesas Technology Corp 7630 Datasheet HTML 42Page - Renesas Technology Corp 7630 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
38
MITSUBISHI MICROCOMPUTERS
7630 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
RESET CIRCUIT
The 7630 group is reset according to the sequence shown in Fig.
44. It starts program execution from the address formed by the con-
tents of the addresses FFFB16 and FFFA16, when the RESET pin is
held at “L” level for more than 2
µs while the power supply voltage is
in the recommended operating condition and then returned to “H”
level.
Refer to Fig. 43 for an example of the reset circuit.
Fig. 43
Example of reset circuit
Fig. 44
Reset sequence
power on
0V
0V
power source voltage
reset input voltage
4.0V
0.8V
7630 group
M51953AL
RESET
VSS
VCC
0.1
µF
1
5
4
3
XIN
RESET
internal reset
Address
Data
?????
?????
28 to 34
cycles of XIN
ADL
ADH
FFFA16
FFFB16
ADL, ADH
1st op code
20 cycles of XIN
24 cycles of XIN
8192 cycles of
XIN (T1, T2)
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com