Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7630
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 17Page - Renesas Technology Corp 7630 Datasheet HTML 18Page - Renesas Technology Corp 7630 Datasheet HTML 19Page - Renesas Technology Corp 7630 Datasheet HTML 20Page - Renesas Technology Corp 7630 Datasheet HTML 21Page - Renesas Technology Corp 7630 Datasheet HTML 22Page - Renesas Technology Corp 7630 Datasheet HTML 23Page - Renesas Technology Corp 7630 Datasheet HTML 24Page - Renesas Technology Corp 7630 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
20
MITSUBISHI MICROCOMPUTERS
7630 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Fig. 18
Structure of Timer X mode register
Timer Y
Timer Y is a 16 bit timer with a 16-bit reload latch supporting the fol-
lowing operating modes:
(1) Timer mode
(3) Event counter mode
(5) Pulse period measurement mode
(6) H/L pulse width measurement mode
These modes can be selected by the timer Y mode register (TYM).
In the timer, pulse period- and pulse width measurement modes’
the timer’s count source can be selected by the timer Y count
source selection bits. Please refer to Fig. 19.
On read or write access to timer Y, note that the high-order and low-
order bytes must be accessed in a specific order.
Write method
When writing to timer Y, write the low-order byte first. The data writ-
ten is stored in a temporary register which is assigned to the same
address as TYL. Next, write the high-order byte. When this is fin-
ished, the data is placed in the timer Y high-order reload latch and
the low-order byte is transferred from its temporary register to the
timer Y low-order reload latch.
Read method
When reading the timer Y, read the high-order byte first. This
causes the timer Y high- and low-order bytes to be transferred to
temporary registers being assigned to the same addresses as TYH
and TYL. Next, read the low-order byte which is read from the tem-
porary register. This method assures the correct timer value can be
read during timer count operation.
Timer Y count stop control
Regardless of the actual operating mode, timer Y can be stopped
by setting the timer Y count stop bit (bit 7 of the timer Y mode regis-
ter) to “1”.
Timer X data write control bit
0 : Data is written to latch and timer
1 : Data is written to latch only
Not used (“0” when read, do not write “1”)
Timer X mode bits
b5 b4
0 0: Timer mode
0 1: Bi-phase counter mode
1 0: Event counter mode
1 1: Pulse width measurement mode
CNTR0 polarity selection bit
0 : For event counter mode, rising edge active
For interrupt request, falling edge active
For pulse width measurement mode, measure “H” period
1 : For event counter mode, falling edge active
For interrupt request, rising edge active
For pulse width measurement mode, measure “L” period
Timer X stop control bit
0 : Timer counting
1 : Timer stopped
70
Timer X mode register (address 001E16)
TXM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com