Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 7630
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 25Page - Renesas Technology Corp 7630 Datasheet HTML 26Page - Renesas Technology Corp 7630 Datasheet HTML 27Page - Renesas Technology Corp 7630 Datasheet HTML 28Page - Renesas Technology Corp 7630 Datasheet HTML 29Page - Renesas Technology Corp 7630 Datasheet HTML 30Page - Renesas Technology Corp 7630 Datasheet HTML 31Page - Renesas Technology Corp 7630 Datasheet HTML 32Page - Renesas Technology Corp 7630 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
28
MITSUBISHI MICROCOMPUTERS
7630 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Fig. 27
Structure of UART mode register
Fig. 28
Structure of UART control register
Not used (“0” when read, do not write “1”)
clock divider selection bits
b2 b1
0 0 :
φ divided by 1
0 1 :
φ divided by 8
1 0 :
φ divided by 32
1 1 :
φ divided by 256
Stop bits selection bit
0 : One stop bit
1 : Two stop bits
Parity selection bit
0 : Even parity
1 : Odd parity
Parity enable bit
0 : Parity disabled
1 : Parity enabled
UART word length selection bits
b7 b6
0 0 : 7 bits
0 1 : 8 bits
1 0 : 9 bits
1 1 : Not used
70
UART mode register
UMOD (address 002016)
Transmit enable bit
0 : Transmit disabled (an ongoing transmission will be finished correctly)
1 : Transmit enabled
Receive enable bit
0 : Receive disabled (an ongoing reception will be finished correctly)
1 : Receive enabled
Transmission initialization bit
0 : No action
1 : Clear transmit buffer full flag and transmit shifter full flag, set the
transmit status register bits and stop transmission
Receive initialization bit
0 : No action
1 : Clear receive status flags and the receive enable bit
Not used (“0” when read, do not write “1”)
70
UART control register
UCON (address 002216)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com